Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6181IM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181IM
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181IM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM6181IM Datasheet HTML 14Page - National Semiconductor (TI) LM6181IM Datasheet HTML 15Page - National Semiconductor (TI) LM6181IM Datasheet HTML 16Page - National Semiconductor (TI) LM6181IM Datasheet HTML 17Page - National Semiconductor (TI) LM6181IM Datasheet HTML 18Page - National Semiconductor (TI) LM6181IM Datasheet HTML 19Page - National Semiconductor (TI) LM6181IM Datasheet HTML 20Page - National Semiconductor (TI) LM6181IM Datasheet HTML 21Page - National Semiconductor (TI) LM6181IM Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Typical Applications (Continued)
CAPACITIVE FEEDBACK
For voltage feedback amplifiers it is quite common to place a
small lead compensation capacitor in parallel with feedback
resistance, R
f. This compensation serves to reduce the am-
plifier’s peaking in the frequency domain which equivalently
tames the transient response. To limit the bandwidth of cur-
rent feedback amplifiers, do not use a capacitor across R
f.
The dynamic impedance of capacitors in the feedback loop
reduces the amplifier’s stability. Instead, reduced peaking in
the frequency response, and bandwidth limiting can be ac-
complished by adding an RC circuit, as illustrated in
Figure
7b.
Typical Performance
Characteristics
OVERDRIVE RECOVERY
When the output or input voltage range of a high speed am-
plifier is exceeded, the amplifier must recover from an over-
drive condition. The typical recovery times for open-loop,
closed-loop, and input common-mode voltage range over-
drive conditions are illustrated in
Figures 9, 11, 11, 12 re-
spectively.
The open-loop circuit of
Figure 8 generates an overdrive re-
sponse by allowing the ±0.5V input to exceed the linear in-
put range of the amplifier. Typical positive and negative over-
drive recovery times shown in
Figure 9 are 5 ns and 25 ns,
respectively.
DS011328-20
6a
DS011328-21
6b
FIGURE 6. Resistive Isolation of C
L
Provides Higher Fidelity Pulse Response. R
f
and R
S Could Be Increased to Maintain AV = −1
and Improve Pulse Response Characteristics.
DS011328-22
7a
DS011328-23
7b
FIGURE 7. RC Limits Amplifier
Bandwidth to 50 MHz, Eliminating
Peaking in the Resulting Pulse Response
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com