Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8340-G230-R1E1 Datasheet(PDF) 2 Page - ETAL Group

Part # 8340-G230-R1E1
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-G230-R1E1 Datasheet(HTML) 2 Page - ETAL Group

  8340-G230-R1E1 Datasheet HTML 1Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 2Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 3Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 4Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 5Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
www.e-t-a.de
1646
2
1
Type No.
8340 Magnetic push/pull circuit breaker
Mounting
G threadneck panel mounting
Threadneck design
2 M12x1
Number of poles (main current paths)
1 single pole, protected
2 two pole, protected
3 three pole, protected
Panel hardware
0
without panel hardware
1
with hex nut M12x1 and washer 12/15
Terminal design
P1 blade terminals A6.3-0.8 mm (QC.250) (≤ 35 A)
K4 screw terminals M5 recommended for IN > 20 A
R1 round connectors ø6
Characteristic curve *)
Characteristic curve, instantaneous:
F4
DC
F5
AC
Short delay:
E1
DC
E2
AC
Medium delay:
H1 DC
H2 AC 60/50 Hz
Long delay:
R1 DC 60/50 Hz
R2 AC 60/50 Hz
Actuator colour
A black with white trip indicator band
Actuator marking
4 rated current
legible with location pin above (standard)
7 rated current
legible with location pin below
Auxiliary contacts
H0 without auxiliary contacts
H1 with auxiliary contacts
H2 with auxiliary contacts
on pole 1 only (2 pole types)
Auxiliary contact function
1 one each N/O and N/C
3 1 pair N/C (11/12)
Auxiliary contact terminal design
1
blade terminals A6.3-0.8 mm
Current ratings (optional)
0.02...50 A
8340 - G 2 1 1 - P1 F4 - A 4 H1 1 1 - 8 A ordering example
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)
Dimensions (1-pole)
Cut-out dimensions:
current rating in A
location pin for 3mm (.118 in.)
hole dia.
0.8
ø8.4
M12x1
tightening torque max. 4 Nm
SW14
50
9.5
.551
.031
.374
1.97
black
white
ø10.6
.417
.331
11123 2(i) 24 12 2(k)
panel thickness
max. 3 mm (.118 in.)
* min. 25 for use with splash cover
ø3+0,2
.118+.008
19.4 *
.764
Cut-out dimensions:
2-pole
min. 40
unit 1
38
unit 2
2-pole
panel thickness
max. 3 mm (.118 in.)
1.50
min. 1.57
Ordering information
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com