Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8340-G230-R1E1 Datasheet(PDF) 5 Page - ETAL Group

Part # 8340-G230-R1E1
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-G230-R1E1 Datasheet(HTML) 5 Page - ETAL Group

  8340-G230-R1E1 Datasheet HTML 1Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 2Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 3Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 4Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 5Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
www.e-t-a.de
1646
5
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
Accessories
Bus bar (10-way) (supplied as a complete package)
for type 18 socket
(for max. 100 A continuous load),
more positions available on request
X 211 158 01 with terminal
X 211 158 02 without terminal
blade terminal A6.3-0.8 (QC .250)
to DIN 46244 polarized to ensure
correct connection
retaining clip
(accessory)
top-hat rail
EN 50022-35x7.5
polarization recess
G profile
EN 50035-G32
adapter X 200 409 01
10 mm
.394 in.
depth
80
10
19
.394
3.15
.748
Socket
18-P10-Si
Polarized socket with
adapter
18-P10-Si-20025
(for ratings >16 A please contact E-T-A)
Phoenix terminal AKG 35
cross section max 35 mm2 (AWG 2)
cylinder-head-screw
M4x4 ISO 1207 nickel-plated
washer
A4.3 DIN 125
nickel plated
copper rail
tin-plated
female connector
M4
223
7
19
fusible link
(constriction 1 mm/.039 in. thick)
.276
.748
8.78
Insulated sleeving for bus bars
Y 303 824 11
9
5.4
190
.213
.354
7.48
Retaining clip for socket 18-P10-Si
Y 300 579 11
35
mounting dimensions
60
52
2.05
2.36
1.38
Connector bus link -P10
X 210 588 01/1.5 mm2 (AWG 16), brown (up to 13 A max. load)
X 210 588 02/2.5 mm2 (AWG 14), black (up to 20 A max. load)
X 210 588 03/2.5 mm2 (AWG 14), red (up to 20 A max. load)
X 210 588 04/2.5 mm2 (AWG 14), blue (up to 20 A max. load)
100 quick-connect tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
Splash cover with hex nut and O ring (IP66 and IP67)
X 200 801 08 (nickel plated hex nut M12x1,
splash cover transparent)
X 200 801 03 (black finish hex nut M12x1,
splash cover black)
Hex nut
Y 300 116 02
Spring washer
Y 300 118 03
1.2±0.5
ø12+0.2
ø15
thickness
0.4 mm
.016 in.
M12x1
2.5
Accessories for push button
M12x1
Splash seal, black, hex nut and O ring (IP54)
X 200 802 01 (nickel plated hex nut M12x1,
splash seal black)
Actuator extension
X 200 803 01 (black button)
SW14
.551
.098
.047±.020
.472+.008
.591
SW 17
SW 17
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Shock directions / Mounting attitudes
5
6
4
3
1
2
23
24
2(i)
11112



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com