Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPSS100B Datasheet(PDF) 4 Page - All Sensors Corporation

Part # FPSS100B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS100B Datasheet(HTML) 4 Page - All Sensors Corporation

  FPSS100B Datasheet HTML 1Page - All Sensors Corporation FPSS100B Datasheet HTML 2Page - All Sensors Corporation FPSS100B Datasheet HTML 3Page - All Sensors Corporation FPSS100B Datasheet HTML 4Page - All Sensors Corporation FPSS100B Datasheet HTML 5Page - All Sensors Corporation FPSS100B Datasheet HTML 6Page - All Sensors Corporation FPSS100B Datasheet HTML 7Page - All Sensors Corporation FPSS100B Datasheet HTML 8Page - All Sensors Corporation FPSS100B Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FPS Series Pressure Sensor
Analog Output (Unidirectional Devices)
Analog Output (Bidirectional Devices)
Digital Output
Page 4
Characteristics
Min
Typ
Max
Units
Zero Pressure Offset
0.49
0.50
0.51
V
Full Scale Span
3.97
4.00
4.03
V
Full Scale Output
-
4.50
-
V
Thermal Effects
Offset @ 5 to 55
°C
-
-
±10
mV
Offset @ 0 to 70
°C
-
-
±12
mV
Thermal Effects
Span @ 5 to 55
°C
-
±1
±1.75
%FSS
Span @ 0 to 70
°C
-
±2
±2.75
%FSS
Characteristics
Min
Typ
Max
Units
Zero Pressure Offset
2.49
2.50
2.51
V
Full Scale Span
3.97
4.00
4.03
V
Output @ Max. Specified Pressure
-
4.50
-
V
Output @ Min. Specified Pressure
-
0.50
-
V
Thermal Effects
Offset @ 5 to 55
°C
-
-
±10
mV
Offset @ 0 to 70
°C
-
-
±12
mV
Thermal Effects
Span @ 5 to 55
°C
-
±1
±1.75
%FSS
Span @ 0 to 70
°C
-
±2
±2.75
%FSS
Characteristics
Min
Typ
Max
Units
Scale Factor (Digital Output)7 0.4 inH2O /
±0.4 inH2O
-
75
-
counts/0.001 inH2O
1.0 inH2O /
±1.0 inH2O
-
30
-
counts/0.001 inH2O
2.0 inH2O /
±2.0 inH2O
-
15
-
counts/0.001 inH2O
Zero Pressure Offset Tolerance
-0.1
-
+0.1
%FSS
Full Scale Span Tolerance
-0.75
-
+0.75
%FSS
Thermal Effects
Offset @ 5 to 55
°C
-
-
±30
counts
Offset @ 0 to 70
°C
-
-
±60
counts
Thermal Effects
Span @ 5 to 55
°C
-
±1
±1.75
%FSS
Span @ 0 to 70
°C
-
±2
±2.75
%FSS
Performance Characteristics4 (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com