Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPSS100B Datasheet(PDF) 1 Page - All Sensors Corporation

Part # FPSS100B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS100B Datasheet(HTML) 1 Page - All Sensors Corporation

  FPSS100B Datasheet HTML 1Page - All Sensors Corporation FPSS100B Datasheet HTML 2Page - All Sensors Corporation FPSS100B Datasheet HTML 3Page - All Sensors Corporation FPSS100B Datasheet HTML 4Page - All Sensors Corporation FPSS100B Datasheet HTML 5Page - All Sensors Corporation FPSS100B Datasheet HTML 6Page - All Sensors Corporation FPSS100B Datasheet HTML 7Page - All Sensors Corporation FPSS100B Datasheet HTML 8Page - All Sensors Corporation FPSS100B Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
All Sensors
DS-0329 Rev B
Features
FPS SERIES PRESSURE SENSOR
• Pressure Ranges from 0.1 to 2 inH2O (25 to 500 Pa)
• Pressure Sensor based on thermal micro-flow measurement
• Calibrated and Temperature compensated
• Analog Output and Digital SPI Interface
• High Flow Impedance
• Very low flow-through leakage
• High immunity to dust and humidity
• No loss in sensitivity using long tubing
• RoHS and REACH compliant
• Air and other non-corrosive gasses
Media
Device
Operating Pressure
Proof Pressure5
Burst Pressure5
FPSS025U
0.1 inH2O
0 - 25 Pa
0 - 0.25 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS050U
0.2 inH2O
0 - 50 Pa
0 - 0.50 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS100U
0.4 inH2O
0 - 100 Pa
0 - 1.00 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS250U
1.0 inH2O
0 - 250 Pa
0 - 2.50 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS500U
2.0 inH2O
0 - 500 Pa
0 - 5.00 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS025B
±0.1 inH2O
0 - ±25 Pa
0 - ±0.25 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS050B
±0.2 inH2O
0 - ±50 Pa
0 - ±0.50 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS100B
±0.4 inH2O
0 - ±100 Pa
0 - ±1.00 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS250B
±1.0 inH2O
0 - ±250 Pa
0 - ±2.50 mbar
30 psi (2 bar)
30 psi (2 bar)
FPSS500B
±2.0 inH2O
0 - ±500 Pa
0 - ±5.00 mbar
30 psi (2 bar)
30 psi (2 bar)
Pressure Sensor Characteristics
Page 1
Gas Type
Correction Factor
Dry Air
1.00
Oxygen (O
2)
1.07
Nitrogen (N
2)
0.97
Argon (Ar)
0.98
Carbon dioxide (CO
2)
0.56
Gas Correction Factors10 (Page 7)
Electrical Connection
• HVAC
• Medical
Applications
Pin
Connection
1, 10
Do Not Connect
2
Vs
3
GND
4, 5
Vout
6
SCLK
7
MOSI
8
MISO
9
/CS
Note: Pins 1 and 10 are internally connected.


Similar Part No. - FPSS100B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
1000W Front End Power Supplies
FPSS1U-P TDK-FPSS1U-P Datasheet
278Kb / 2P
1000W Front End Power Supplies
More results

Similar Description - FPSS100B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZS-26-F ETC1-ZS-26-F Datasheet
681Kb / 12P
Pressure Sensor Series PSE530
PSE530-M5 ETC2-PSE530-M5 Datasheet
59Kb / 1P
Pressure Sensor Series PSE530
logo
All Sensors Corporation
DS-0333 ASC-DS-0333 Datasheet
1Mb / 5P
XHM SERIES PRESSURE SENSOR
Rev A
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com