Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206C104F1GACTU Datasheet(PDF) 13 Page - Kemet Corporation

Part # C1206C104F1GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F1GACTU Datasheet(HTML) 13 Page - Kemet Corporation

Back Button C1206C104F1GACTU Datasheet HTML 9Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 10Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 11Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 12Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 13Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 14Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 15Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 16Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016 13
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Construction
Detailed Cross Section
Barrier Layer
(Ni)
Inner Electrodes
(Ni)
Termination Finish
(100% Matte Sn)
Termination Finish
(100% Matte Sn)
Inner Electrodes
(Ni)
Dielectric Material
(CaZrO3)
End Termination/
External Electrode
(Cu)
Dielectric Material
(CaZrO3)
Barrier Layer
(Ni)
End Termination/
External Electrode
(Cu)
Capacitor Marking (Optional):
Lasermarkingoptionisnotavailableon:
• C0G,UltraStableX8RandY5Vdielectricdevices
• EIA 0402 case size devices
• EIA0603casesizedeviceswithFlexibleTerminationoption.
• KPSCommercialandAutomotivegradestackeddevices.
Thesecapacitorsaresuppliedunmarkedonly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com