Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206C104F1GACTU Datasheet(PDF) 18 Page - Kemet Corporation

Part # C1206C104F1GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F1GACTU Datasheet(HTML) 18 Page - Kemet Corporation

Back Button C1206C104F1GACTU Datasheet HTML 13Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 14Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 15Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 16Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 17Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 18Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 19Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 20Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 21Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016 18
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Figure 6 – Reel Dimensions
A
D (See Note)
Full Radius,
See Note
B (see Note)
Access Hole at
Slot Location
(Ø 40 mm minimum)
If present,
tape slot in core
for tape start:
2.5 mm minimum width x
10.0 mm minimum depth
W3 (Includes
flange distortion
at outer edge)
W2 (Measured at hub)
W1 (Measured at hub)
C
(Arbor hole
diameter)
Note: Drive spokes optional; if used, dimensions B and D shall apply.
N
Table 8 – Reel Dimensions
Metricwillgovern
Constant Dimensions — Millimeters (Inches)
Tape Size
A
BMinimum
C
DMinimum
8 mm
178±0.20
(7.008±0.008)
or
330±0.20
(13.000±0.008)
1.5
(0.059)
13.0+0.5/-0.2
(0.521+0.02/-0.008)
20.2
(0.795)
12 mm
16 mm
Variable Dimensions — Millimeters (Inches)
Tape Size
NMinimum
W
1
W
2Maximum
W
3
8 mm
50
(1.969)
8.4+1.5/-0.0
(0.331+0.059/-0.0)
14.4
(0.567)
Shallaccommodatetapewidth
withoutinterference
12 mm
12.4+2.0/-0.0
(0.488+0.078/-0.0)
18.4
(0.724)
16 mm
16.4+2.0/-0.0
(0.646+0.078/-0.0)
22.4
(0.882)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com