Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8275BRMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8275BRMZ-R7
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8275BRMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8275BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD8275
Rev. A | Page 7 of 16
OUTPUT VOLTAGE (V)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
35
30
25
20
15
10
5
0
–5
–10
–15
–20
–25
Figure 11. Input Common-Mode Voltage vs. Output Voltage, No Load
0
–5
–10
–15
–20
–25
–30
–35
–40
1k
100
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 12. Gain vs. Frequency
40
50
60
80
70
90
100
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
Figure 13. Common-Mode Rejection vs. Frequency, Referred to Input
FREQUENCY (Hz)
–20
0
20
40
60
80
100
120
100
1M
100k
10k
1k
Figure 14. Power Supply Rejection vs. Frequency, Referred to Output
6
5
4
3
2
1
0
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 15. Maximum Output Voltage vs. Frequency
20
15
10
5
–5
–15
0
–10
–20
0
1
2
3
4
OUTPUT VOLTAGE (V)
Figure 16. Gain Nonlinearity, RL = 600 Ω, 2 kΩ, 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com