Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8275BRMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8275BRMZ-R7
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8275BRMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8275BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8275BRMZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD8275
Rev. A | Page 13 of 16
CONFIGURATIONS
Figure 36 and Figure 37, along with Table 6 and Table 7, provide
examples of the possible input and output ranges for various
supplies and reference voltages.
Note that Table 6 and Table 7 list the typical voltage range of the
AD8275; these values do not reflect variation over process or
temperature.
HI
+SWING
–SWING
USEFUL VOUT
LINEAR VIN
RANGE
LO
HI
LO
MID
VREF
AD8275
7
4
5
6
8
2
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
10k
Ω
3
+IN
–IN
VINP
VINN
REF2
REF1
–VS
+VS
+5V
OUT
SENSE
1
VOUT
HI
+SWING
–SWING
USEFUL VOUT
LINEAR VIN
RANGE
LO
HI
LO
MID
VREF
AD8275
7
4
5
6
8
2
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
10k
Ω
3
+IN
–IN
REF2
REF1
–VS
+VS
+5V
OUT
SENSE
1
VOUT
VINP
VINN
Figure 36. Split Reference
Figure 37. Shared Reference
Table 6. Input and Output Relationships for Split Reference
Configuration in Figure 36
+VS1
VREF
VOUT for
VIN = 0 V
Linear
Differential
VIN Range
Useful VOUT
Ranges
5 V
5 V
2.5 V
High: +12 V
Mid: 0 V
Low: −12.3 V
High: +4.95 V
Swing: +2.45 V,
−2.455 V
Low: +0.045 V
5 V
2.5 V
1.25 V
High: +18.3 V
Mid: 0 V
Low: −6 V
High: +4.95 V
Swing: +3.7 V,
−1.205 V
Low: +0.045 V
5 V
4.096 V
2.048 V
High: +14.3 V
Mid: 0 V
Low: −10 V
High: +4.95 V
Swing: +2.902 V,
−2.003 V
Low: +0.045 V
3.3 V
3.3 V
1.65 V
High: +8 V
Mid: 0 V
Low: −8 V
High: +3.24 V
Swing: +1.59 V,
−1.605 V
Low: +0.045 V
3.3 V
2.5 V
1.25 V
High: +10 V
Mid: 0 V
Low: −6 V
High: +3.24 V
Swing: +1.99 V,
−1.205 V
Low: +0.045 V
1
−VS = 0 V.
Table 7. Input and Output Relationships for Shared
Reference Configuration in Figure 37
+VS1
VREF
VOUT for
VIN = 0 V
Linear
Differential
VIN Range
Useful VOUT
Ranges
5 V
5 V
5 V
High: −0.1 V
Mid: 0 V
Low: −24.7 V
High: +4.98 V
Swing: −4.94 V
Low: +0.06 V
5 V
4.096 V
4.096 V
High: +4.4 V
Mid: 0 V
Low: −20.2 V
High: +4.98 V
Swing: +0.884 V
to −4.03 V
Low: +0.06 V
5 V
3 V
3 V
High: +9.5 V
Mid: 0 V
Low: −14.8 V
High: +4.95 V
Swing: +1.9 V,
−2.955 V
Low: +0.045 V
5 V
2.5 V
2.5 V
High: +12 V
Mid: 0 V
Low: −12.3 V
High: +4.95 V
Swing: +2.45 V,
−2.455 V
Low: +0.045 V
5 V
2.048 V
2.048 V
High: +14.3 V
Mid: 0 V
Low: −10 V
High: +4.95 V
Swing: +2.902 V,
−2.003 V
Low: +0.045 V
5 V
1.25 V
1.25 V
+18.3 V to
−6 V
High: +4.95 V
Swing: +3.7 V,
−1.205 V
Low: +0.045 V
0 V
0 V
0 V
24.5 V to 0.2 V
High: 4.95 V
Swing: 4.95 V
Low: 0.045 V
1
−VS = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com