Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2360ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2360ACPZ-R7
Description  High Efficiency Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2360ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2360ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet
ADP2360
Rev. 0 | Page 13 of 15
INDUCTOR SELECTION
The value of the selected inductor in the ADP2360 application
affects the efficiency, switching frequency, and output voltage
ripple. Larger value inductors tend to give improved efficiency
although for a given package size, the increased DCR and core
losses eventually dominate. Using a smaller value inductor gives a
higher switching frequency and reduced output voltage ripple, but
may decrease the overall efficiency due to increased switching losses.
The ADP2360 is designed with an adjustable IPEAK current limit
that allows the designer to optimize the efficiency for the applica-
tion operating conditions and reduce the required inductor size.
Inductors in the 100 µH to 600 µH range are recommended.
Take care to select a compatible inductor with a sufficient
current rating, saturation current, and low dc resistance. The
current rating of the inductor must be greater than the maximum
IPEAK current limit set by the ITH pin, as specified in Table 1.
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects the output voltage ripple
according to the following equation:
SW
OUT
OUT
OUT
f
C
I
V
×
=
(5)
The ADP2360 is designed for operation with ceramic capacitors,
because these have a small footprint and low equivalent series
resistance (ESR) values, giving the lowest output voltage ripple.
An output capacitance of 10 µF is suggested for most applications.
This value can be increased to reduce output voltage ripple.
DESIGN OPTIMIZATION
For designs where the highest efficiency is desired, set the IPEAK
level to the maximum and use a high value low dc resistance
inductor (330 µH to 470µH are recommended). These choices
lead to a larger output voltage ripple that may be reduced with a
larger value, low ESR output capacitor.
For designs where the highest switching frequency is desired,
set IPEAK to just above double the required maximum output
current. Use a 100 µH inductor with low dc resistance.
For designs where the lowest ripple is desired, set IPEAK to just
above double the required maximum output current. Use a
100 µH inductor with low dc resistance and a large value, low
ESR output capacitor.
RECOMMENDED COMPONENTS
The components specified in Table 6 are recommended for opera-
tion across the full input voltage range. All typical performance
characteristic data was measured using these components and
the adjustable voltage option of the ADP2360 with appropriately
chosen feedback resistors to select the required output voltage.
Table 6. Recommended Components
Component
Value
Part Number
Manufacturer
COUT
10 μF, 50 V
GRM32ER71H106KA12L
Murata
L1
100 μH
744043101
Würth
CIN
10 μF, 100 V
C5750X7S2A106M230KB
TDK
CFF
10 pF, 50 V
GRM1885C1H100JA01D
Murata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com