Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2360ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2360ACPZ-R7
Description  High Efficiency Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2360ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2360ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2360ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP2360
Data Sheet
Rev. 0 | Page 14 of 15
PCB LAYOUT CONSIDERATIONS
For high efficiency, good regulation, and stability with the
ADP2360, a well designed PCB is required. Poor layout can
affect the ADP2360 buck performance, causing electromagnetic
interference (EMI), poor electromagnetic compatibility (EMC),
ground bounce, and voltage losses.
Use the following guidelines when designing PCBs:
Keep the low ESR input and output capacitors, CIN and COUT,
and the inductor, L1, as close as possible to the ADP2360.
Avoid long trace lengths from the device to the capacitors
that add series inductance and may cause EMI issues or
increased ripple.
Keep RFB1, RFB2, and CFF as close as possible to the FB pin.
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
Keep high current traces as short and as wide as possible.
Avoid routing high impedance traces near any node
connected to SW or near the inductor to prevent radiated
noise injection.
Use a ground plane with several vias connected to the
component side ground to reduce noise interference on
sensitive circuit nodes.
Be aware that traces may carry up to 60 V and leave
adequate separation between traces where necessary.
Because up to 60 V may be present between the EPAD and
device pins, the EPAD must be solder mask defined and
reduced slightly in size to prevent the risk of bridging if the
device is misaligned. To help ensure alignment during
reflow processes, traces must exit the pads perpendicular to
the device edge as shown in Figure 26. See the AN-772
Application Note, A Design and Manufacturing Guide for
the Lead Frame Chip Scale Package (LFCSP), for further
guidance on layout, footprint, and manufacturing.
Figure 26. PCB Layout, Top
Figure 27. PCB Layout, Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com