Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADuCM331WDCPZ Datasheet HTML 1Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 2Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 3Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 4Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 5Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 4 of 16
SPECIFICATIONS
VDD = 3.6 V to 18 V, fCORE = 16.384 MHz, CD = 0, normal mode, VREF = 1.2 V (internal), unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise stated.
Parameters not specified in the 115°C to 125°C temperature range of operation are functional within this range but with degraded performance
Table 1.
TA = −40°C to +115°C
TA = +115°C to
+125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Typ
Unit
ADC SPECIFICATIONS
Conversion Rate1
ADC normal operating mode
4
8000
Hz
ADC low power mode, chop on
1
656
Hz
Current Channel (IIN+/IIN− Only)
No Missing Codes1
Valid for all ADC update rates and
ADC modes
20
Bits
Integral Nonlinearity1,2
±10
±200
±80
ppm of FSR
Positive Integral
Nonlinearity (INL)1,2,3
±200
±80
ppm of FSR
Negative INL1,2,3
±200
±80
ppm of FSR
Offset Error1,4, 5
Chop off, gain = 4, 8, or 16, external
short, after user system calibration at
25°C, 1 LSB = (2.28/gain) μV
−100
±24
+100
LSBs
Chop off, gain = 32 or 64, external
short, after user system calibration at
25°C, 1 LSB = (2.28/gain) μV
−160
±48
+160
LSBs
Chop off, gain = 512, external short,
after user system calibration at 25°C,
1 LSB = (2.28/gain) μV
−1400
±60
+1400
LSBs
Chop on, external short, low power
mode, gain = 64 or 512, processor
powered down
−300
±50
+250
±250
nV
Chop on, external short, after user
system calibration at 25°C, VDD = 18 V
−1.5
+1.5
±0.1
μV
Offset Error Drift1,2,6
Chop off, gains of 4 to 64, normal mode
±0.48
LSB/°C
Chop on
±5
±5
nV/°C
Total Gain Error1,4, 5,7
Factory calibrated at a gain of 8,
normal mode
−0.5
±0.1
+0.5
±0.15
%
Low power mode
−1
±0.2
+1
±0.2
%
Gain Drift1,8
±3
±3
ppm/°C
PGA Gain Mismatch Error
±0.1
±0.1
%
Output Noise1
ADC0CON[11:10], PGASCALE = 0x3
Gain = 64, ADCFLT = 0x08101
0.80
1.3
1.2
μV rms
Gain = 64, ADCFLT = 0x00007
0.75
1.1
μV rms
Gain = 32, ADCFLT = 0x08101
1.00
1.5
1.3
μV rms
Gain = 32, ADCFLT = 0x00007
0.80
1.2
μV rms
Gain = 16, ADCFLT = 0x08101
1.50
2.6
2.0
μV rms
Gain = 16, ADCFLT = 0x00007
1.10
1.9
μV rms
Gain = 8, ADCFLT = 0x08101
2.10
4.1
2.5
μV rms
Gain = 8, ADCFLT = 0x00007
1.60
2.4
μV rms
Gain = 4, ADCFLT = 0x08101
3.40
5.1
4.0
μV rms
Gain = 4, ADCFLT = 0x00007
2.60
3.9
μV rms
Gain = 64, ADCFLT = 0x10001
1.60
3
2.0
μV rms
Gain = 32, ADCFLT = 0x10001
1.70
3.45
2.1
μV rms
Gain = 16, ADCFLT = 0x10001
2.00
4.2
2.2
μV rms
Gain = 8, ADCFLT = 0x10001
2.40
5.1
3.2
μV rms
Gain = 4, ADCFLT = 0x10001
4.35
9.6
5.5
μV rms
ADC low power mode, 221 Hz update
rate, chop enabled, gain = 64
0.6
0.9
0.8
μV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com