Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuCM331WDCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 4Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 5Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 6Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 7Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 8 of 16
TA = −40°C to +115°C
TA = +115°C to
+125°C1
Parameter
Test Conditions/Comments
Min
Typ
Max
Typ
Unit
LIN AC PARAMETERS1
Bus load conditions (CBUS||RBUS):
1 nF||1 kΩ, 6.8 nF||660 Ω, 10 nF||500 Ω
D1
Duty Cycle 1
0.396
THREC(MAX) = 0.744 × VBAT
THDOM(MAX) = 0.581 × VBAT
VSUP = 7.0 V to 18 V, tBIT = 50 µs
D1 = tBUS_REC(MIN)/(2 × tBIT)
D2
Duty Cycle 2
0.581
THREC(MIN) = 0.284 × VBAT
THDOM(MIN) = 0.422 × VBAT
VSUP = 7.0 V to 18 V, tBIT = 50 µs
D2 = tBUS_REC(MAX)/(2 × tBIT)
D322
THREC(MAX) = 0.778 × VBAT
0.417
THDOM(MAX) = 0.616 × VBAT
VDD = 7.0 V to 18 V
tBIT = 96 µs
D3 = tBUS_REC(MIN)/(2 × tBIT)
D422
THREC(MIN) = 0.389 × VBAT
0.590
THDOM(MIN) = 0.251 × VBAT
VDD = 7.0 V to 18 V
tBIT = 96 µs
D4 = tBUS_REC(MAX)/(2 × tBIT)
tRX_PDR22
Propagation delay of receiver
6
µs
tRX_SYM22
Symmetry of receiver propagation
delay rising edge, with respect to
falling edge (tRX_SYM = tRF_PDR − tRX_PDF)
−2
+2
µs
PACKAGE THERMAL
SPECIFICATIONS
Thermal Impedance (θJA)23
JEDEC 4-layer board
40
°C/W
POWER REQUIREMENTS
Power Supply Voltages
VDD (Pin 26)
3.6
18
V
DVDD33 (Pin 21)
3.3
3.3
V
AVDD18 (Pin 19)
1.88
1.88
V
DVDD18 (Pin 22)
1.88
1.88
V
POWER CONSUMPTION
IDD (Processor Normal
Mode)24
CD0 (PCLK = 16 MHz), 16 MHz 1% mode,
ADCs off, reference buffer off, executing
code from program flash
8
17
9
mA
CD1 (PCLK = 8 MHz), 16 MHz 1% mode,
ADCs off, reference buffer off, executing
code from program flash
6
7
mA
CD0 (PCLK = 16 MHz), 16 MHz 1% mode,
ADCs on, reference buffer on, executing
code from program flash
9.5
18.5
10
mA
IDD (Processor Powered
Down)
Precision oscillator off, ADC off,
external LIN master pull-up resistor
present, measured with wake-up and
watchdog timers clocked from low
power oscillator, maximum value is at
105°C, and VDD = 18 V
60
100
µA
IDD LIN
500
µA
IDD IADC
Gain = 4, 8, or 16
700
µA
Gain = 32 or 64
800
µA
LPM, gain = 64
350
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com