Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM710 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM710
Description  Voltage Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM710 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM710 Datasheet HTML 1Page - National Semiconductor (TI) LM710 Datasheet HTML 2Page - National Semiconductor (TI) LM710 Datasheet HTML 3Page - National Semiconductor (TI) LM710 Datasheet HTML 4Page - National Semiconductor (TI) LM710 Datasheet HTML 5Page - National Semiconductor (TI) LM710 Datasheet HTML 6Page - National Semiconductor (TI) LM710 Datasheet HTML 7Page - National Semiconductor (TI) LM710 Datasheet HTML 8Page - National Semiconductor (TI) LM710 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note *NO
TARGET FOR FNXref NS0053*)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage
+14V
Negative Supply Voltage
−7V
Peak Output Current
10 mA
Output Short Circuit Duration
10 seconds
Differential Input Voltage
±5V
Input Voltage
±7V
Power Dissipation
TO-99 (Note 1)
700 mW
Plastic Dual-In-Line Package
(Note 2)
950 mW
Operating Temperature Range
LM710
−55˚C to +125˚C
LM710C
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Electrical Characteristics (Note 3)
Parameter
Conditions
LM710
LM710C
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
R
S ≤ 200Ω,VCM = 0V, TA = 25˚C
0.6
2.0
1.6
5.0
mV
Input Offset Current
V
OUT = 1.4V, TA = 25˚C
0.75
3.0
1.8
5.0
µA
Input Bias Current
T
A = 25˚C
13
20
16
25
µA
Voltage Gain
T
A = 25˚C
1250
1700
1000
1500
Output Resistance
T
A = 25˚C
200
200
Output Sink Current
V
OUT = 0, TA = 25˚C
∆V
IN ≥ 5 mV
2.0
2.5
mA
∆V
IN ≥ 10 mV
1.6
2.5
mA
Response Time
T
A = 25˚C (Note 4)
40
40
ns
Input Offset Voltage
R
S ≤ 200Ω,VCM = 0V
3.0
6.5
mV
Average Temperature Coefficient
T
MIN ≤ TA ≤ TMAX
3.0
10
5.0
20
µV/˚C
of Input Offset Voltage
R
S ≤ 50Ω
Input Offset Current
T
A = TA MAX
0.25
3.0
7.5
µA
T
A = TA MIN
1.8
7.0
7.5
µA
Average Temperature Coefficient
25˚C
≤ T
A ≤ TMAX
5.0
25
15
50
nA/˚C
of Input Offset Current
T
MIN ≤ TA ≤ 25˚C
15
75
24
100
nA/˚C
Input Bias Current
T
A = TMIN
27
45
25
40
µA
Input Voltage Range
V
= −7V
±5.0
±5.0
V
Common-Mode Rejection Ratio
R
S ≤ 200Ω
80
100
70
98
dB
Differential Input Voltage Range
±5.0
±5.0
V
Voltage Gain
1000
800
V/V
Positive Output Level
−5 mA
≤ I
OUT ≤ 0
V
IN ≥ 5 mV
2.5
3.2
4.0
V
V
IN ≥ 10 mV
2.5
3.2
4.0
V
Negative Output Level
V
IN ≥ 5 mV
−1.0
−0.5
0
V
V
IN ≥ 10 mV
−1.0
−0.5
0
V
Output Sink Current
V
IN ≥ 5 mV, VOUT = 0
T
A = 125˚C
0.5
1.7
mA
T
A = −55˚C
1.0
2.3
mA
V
IN ≥ 10 mV, VOUT = 0
0.5
mA
0˚C
≤ T
A ≤ +70˚C
Positive Supply Current
V
IN ≥ 5 mV
5.2
9.0
mA
V
IN ≥ 10 mV
5.2
9.0
mA
Negative Supply Current
V
IN ≥ 5 mV
4.6
7.0
mA
V
IN ≥ 10 mV
4.6
7.0
mA
3
www.national.com
PrintDate=1997/05/16 PrintTime=10:46:10 7730 ds010410 Rev. No. 1
Proof
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com