Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM710 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM710
Description  Voltage Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM710 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM710 Datasheet HTML 1Page - National Semiconductor (TI) LM710 Datasheet HTML 2Page - National Semiconductor (TI) LM710 Datasheet HTML 3Page - National Semiconductor (TI) LM710 Datasheet HTML 4Page - National Semiconductor (TI) LM710 Datasheet HTML 5Page - National Semiconductor (TI) LM710 Datasheet HTML 6Page - National Semiconductor (TI) LM710 Datasheet HTML 7Page - National Semiconductor (TI) LM710 Datasheet HTML 8Page - National Semiconductor (TI) LM710 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM710
Voltage Comparator
General Description
The LM710 series are high-speed voltage comparators in-
tended for use as an accurate, low-level digital level sensor
or as a replacement for operational amplifiers in comparator
applications where speed is of prime importance. The circuit
has a differential input and a single-ended output, with satu-
rated output levels compatible with practically all types of in-
tegrated logic.
The device is built on a single silicon chip which insures low
offset and thermal drift. The use of a minimum number of
stages along with minority-carrier lifetime control (gold dop-
ing) makes the circuit much faster than operational amplifi-
ers in saturating comparator applications. In fact, the low
stray and wiring capacitances that can be realized with
monolithic construction make the device difficult to duplicate
with discrete components operating at equivalent power lev-
els.
The LM710 series are useful as pulse height discriminators,
voltage comparators in high-speed A/D converters or go,
no-go detectors in automatic test equipment. They also have
applications in digital systems as an adjustable-threshold
line receiver or an interface between logic types. In addition,
the low cost of the units suggests them for applications re-
placing relatively simple discrete component circuitry.
Schematic and Connection Diagrams
DS010410-1
Ceramic Flatpak Package
DS010410-9
* Also available per JM38510/10301
Order Number LM710AMW/883*
See NS Package Number W10A
February 1995
© 1997 National Semiconductor Corporation
DS010410
www.national.com
1
PrintDate=1997/05/16 PrintTime=10:46:07 7730 ds010410 Rev. No. 1
Proof
1


Similar Part No. - LM710

ManufacturerPart #DatasheetDescription
logo
Rohm
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
Input/Output Full Swing Low Power Operational Amplifiers
LM7101G-TR ROHM-LM7101G-TR Datasheet
583Kb / 21P
Input/Output Full Swing Low Power Operational Amplifiers
More results

Similar Description - LM710

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com