Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP25020
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP25020 Datasheet HTML 35Page - Microchip Technology MCP25020 Datasheet HTML 36Page - Microchip Technology MCP25020 Datasheet HTML 37Page - Microchip Technology MCP25020 Datasheet HTML 38Page - Microchip Technology MCP25020 Datasheet HTML 39Page - Microchip Technology MCP25020 Datasheet HTML 40Page - Microchip Technology MCP25020 Datasheet HTML 41Page - Microchip Technology MCP25020 Datasheet HTML 42Page - Microchip Technology MCP25020 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
3UHOLPLQDU\
'6%SDJH 
0&3;;
5(*,67(5 
&21),*85$7,21 5(*,67(5

5HVHW
7KH 0&3;; GLIIHUHQWLDWHV EHWZHHQ WZR NLQGV RI
UHVHW
‡ 3RZHURQ 5HVHW 325
‡ ([WHUQDO 567 UHVHW
6RPHUHJLVWHUV DUH QRW DIIH.WHGLQ DQ\ UHVHW .RQGLWLRQ
WKHLU VWDWXV LV XQNQRZQ RQ 325 DQG XQ.KDQJHG LQ DQ\
RWKHU UHVHW 0RVW RWKHU UHJLVWHUV DUH UHVHW WR D UHVHW
VWDWH RQ 3RZHURQ 5HVHW 325 RQ 567 DQG RQ 567
GXULQJ 6/((3 7KH\ DUH QRW DIIH.WHG E\ D ZDNHXS IURP
6/((3 ZKL.K LV YLHZHG DV WKH UHVXPSWLRQ RI QRUPDO
RSHUDWLRQ $ VLPSOLILHG EOR.N GLDJUDP RI WKH RQ.KLS
UHVHW .LU.XLW LV VKRZQ LQ )LJXUH  7KH 0&3;;
KDV DQ 567 QRLVH ILOWHU LQ WKH 567 UHVHW SDWK 7KH ILOWHU
ZLOO GHWH.W DQG LJQRUH VPDOO SXOVHV

32:(521 5(6(7
$ 3RZHURQ 5HVHW SXOVH LV JHQHUDWHG RQ.KLS ZKHQ
9'' ULVH LV GHWH.WHG LQ WKH UDQJH RI 9 WR 9 ,I WKH
567 LQSXW RQ WKH *3 SLQ LV VHOH.WHG WKH 567 SLQ PD\
EH WLHG WKURXJK D VHULHV UHVLVWRU WR 9'' HOLPLQDWLQJ WKH
QHHG IRU H[WHUQDO 5& .RPSRQHQWV XVXDOO\ UHTXLUHG IRU
D 3RZHURQ 5HVHW $ PD[LPXP ULVH WLPH IRU 9'' LV
VSH.LILHG LQ WKH (OH.WUL.DO 6SH.LIL.DWLRQVVH.WLRQRIWKLV
GR.XPHQW
:KHQ WKH GHYL.H VWDUWV QRUPDO RSHUDWLRQ H[LWV WKH
UHVHW .RQGLWLRQ GHYL.H RSHUDWLQJ SDUDPHWHUV YROWDJH
IUHTXHQ.\ WHPSHUDWXUH HW. PXVW EH PHW WR HQVXUH
SURSHU RSHUDWLRQ IRU DGGLWLRQDO LQIRUPDWLRQ UHIHU WR
$SSOL.DWLRQ 1RWH $1 3RZHUXS 7URXEOHVKRRWLQJ 
),*85(  6,03/,),(' %/2&. ',$*5$0 2) 21&+,3 5(6(7 &,5&8,7
8
8
5:[ 5:[ 5:[ 5:[ 5:[ 5:[ 5:[ 5:[ 5:[
5:
5:
5:
²
²
5
5555
5555
567(1 )26& )26&
ELW
ELW
ELW 
ELW 
ELW 
ELW 
8QLPSOHPHQWHG5HDG DV 
5HVHUYHG GR QRW DWWHPSW WR PRGLI\
567(1 (QDEOH 567 LQSXW RQ *3
1
567 LQSXW (QDEOHG
0
567 LQSXW 'LVDEOHG
) $) $ 2V.LOODWRU 6HOH.WLRQ ELWV
11
+6 RV.LOODWRU
10
5HVHUYHG IRU7HVW(& RV.LOODWRU
01
;7 RV.LOODWRU
00
/3 RV.LOODWRU
567
9
26&
9'' 5LVH
'HWH.W
3RZHURQ 5HVHW
267
ELW 5LSSOH &RXQWHU
ELW 5LSSOH &RXQWHU
3:57
2Q.KLS
5& 26&
(QDEOH 3:57
(QDEOH 267
6
4 &KLS5HVHW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com