Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP25020
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP25020 Datasheet HTML 9Page - Microchip Technology MCP25020 Datasheet HTML 10Page - Microchip Technology MCP25020 Datasheet HTML 11Page - Microchip Technology MCP25020 Datasheet HTML 12Page - Microchip Technology MCP25020 Datasheet HTML 13Page - Microchip Technology MCP25020 Datasheet HTML 14Page - Microchip Technology MCP25020 Datasheet HTML 15Page - Microchip Technology MCP25020 Datasheet HTML 16Page - Microchip Technology MCP25020 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
3UHOLPLQDU\
'6%SDJH 
0&3;;
5(*,67(5  5;0(,'  $&&(37$1&( ),/7(5 0$6. (;7(1'(' ,'(17,),(5 /2:
5(*,67(5  5;)16,'+  $&&(37$1&( ),/7(5 1 67$1'$5' ,'(17,),(5 +,*+
5(*,67(5  5;)16,'/  $&&(37$1&( ),/7(5 1 67$1'$5' ,'(17,),(5 /2:
5(*,67(5  5;)1(,'  $&&(37$1&( ),/7(5 1 (;7(1'(' ,'(17,),(5 0,'
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
(,'
(,'
(,'(,'
(,'
(,'
(,'
(,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
(,'(,' ([WHQGHG ,GHQWLILHU
ELW 
(,'(,' ([WHQGHG ,GHQWLILHU DOZD\V UHDGV DV 
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
6,'
6,'
6,'
6,'
6,'
6,'6,'
6,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
6,'6,'6WDQGDUG ,GHQWLILHU
,I 2375(*07<3(  WKHQ 6,' ;
5:[
5:[
5:[
8
5:[
8
5:[
5:[
6,'
6,'
6,'
²(;,'(
²
(,'
(,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
6,'6,' 6WDQGDUG ,GHQWLILHU
:KHQ (;,'( 0
6,'6,' E¶[[[¶
:KHQ (;,'( 1
6,'6,' DV .RQILJXUHG
ELW 
8QLPSOHPHQWHG 5HDG DV 0
ELW 
(;,'( ([WHQGHG ,GHQWLILHU (QDEOH
1
)LOWHUZLOO DSSO\ WR H[WHQGHG LGHQWLILHU
0
)LOWHUZLOO DSSO\ WR VWDQGDUG LGHQWLILHU
ELW 
8QLPSOHPHQWHG 5HDG DV 
ELW 
(,'(,' ([WHQGHG ,GHQWLILHU
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
(,'(,'
(,'
(,'
(,'
(,'
(,'
(,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
(,'(,' ([WHQGHG ,GHQWLILHU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com