Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC700LP4E
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC700LP4E Datasheet HTML 1Page - Analog Devices HMC700LP4E Datasheet HTML 2Page - Analog Devices HMC700LP4E Datasheet HTML 3Page - Analog Devices HMC700LP4E Datasheet HTML 4Page - Analog Devices HMC700LP4E Datasheet HTML 5Page - Analog Devices HMC700LP4E Datasheet HTML 6Page - Analog Devices HMC700LP4E Datasheet HTML 7Page - Analog Devices HMC700LP4E Datasheet HTML 8Page - Analog Devices HMC700LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 2
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Electrical Specifications, VDDCP, VCCCP = 5V; RVDD, AVDD, DVDDM, VDDPFD, DVDD,
VDDIO, DVDDQ, VCCPS, AVCC = 3.3V ±5%; AGND = DGND = 0V
Parameter
conditions
Min
typ
Max
Units
RF Input Characteristics
Max rF input Frequency (3.3V)
8
9
GHz
Min rF input Frequency
100
200
MHz
rF input Sensitivity
ac coupling only. recommended
range -10 to -5dBm. operation with
higher levels, up to +7dBm is allow-
able, but phase noise degradation
may occur.
-10
0
dBm
rF input Level Differential
ac coupling only.
-16
+6
dBm
16 bit divider (integer)
n Divide ratio, 216 + 31
32
65,567
16 bit divider (fractional)
216-1
36
65,535
REF Input Characteristics
Max ref input Frequency (3.3V)
200
MHz
Min ref input Frequency
200
kHz
ref input Sensitivity
ac coupling only. recommended
level >500mVpp. With 250mVpp
phase noise degradation may
occur.
250
3000
mVpp
ref input Level Differential
ac coupling only
250
5000
mVpp
14 bit ref Divider range
1
16,383
Phase Detector
Phase Detector Frequency (Frac)
50
70
MHz
Phase Detector Frequency (integ)
0.2
100
MHz
General Description
the HMc700LP4(E) is a SiGe BicMoS fractional-n PLL. the PLL includes a very low noise digital phase frequency
detector (PFD), and a precision controlled charge pump.
the fractional PLL features an advanced delta-sigma modulator design that allows both ultra-fine step sizes and very
low spurious products. Spurious outputs are low enough to eliminate the need for costly Direct Digital Synthesis (DDS)
references in many applications.
the HMc700LP4(E) phase-frequency detector (PFD) features cycle slip prevention (cSP) technology that allows
faster frequency hopping times.
Ultra low in-close phase noise and low spurious also permit architectures with wider loop bandwidths for faster
frequency hopping and low micro-phonics. FSK mode allows the synthesizer to be used as a simple low cost direct
FM transmitter source.
recommended level >500mVpp. With 250mVpp phase noise degradation may occur.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com