Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4E Datasheet(PDF) 21 Page - Analog Devices

Part # HMC700LP4E
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4E Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC700LP4E Datasheet HTML 17Page - Analog Devices HMC700LP4E Datasheet HTML 18Page - Analog Devices HMC700LP4E Datasheet HTML 19Page - Analog Devices HMC700LP4E Datasheet HTML 20Page - Analog Devices HMC700LP4E Datasheet HTML 21Page - Analog Devices HMC700LP4E Datasheet HTML 22Page - Analog Devices HMC700LP4E Datasheet HTML 23Page - Analog Devices HMC700LP4E Datasheet HTML 24Page - Analog Devices HMC700LP4E Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 21
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Table 14. Reg 07h LKD/CSP Register
Bit
name
Width
Default
Description
[9:0]
wincnt_max
10
250
lock detect window
sets the number of consecutive counts of divided Vco that must land inside the
Lock Detect Window to declare LocK
[10]
lkd_enable
1
1
enables internal lock detect function, note output to Lock Detect Flag on LD_
SDO as per Figure 13 controlled by pfd_LD_opEn, Reg 0Bh PFD register
[11]
lkd_winasym_enable
1
0
asymmetrical window
enables lock detect window to only lag or only lead the
divided reference signal at the PFD, see Figure 9
[12]
lkd_win_asym_up_sel
1
0
1 selects lead window when lkd_winasym_enable=1
0 selects lag window when lkd_winasym_enable=1
[13]
ringosc_oneshot_sel
1
0
1 ring osc based one shot for lock detection mode
0 nominal 20nsec analog one shot for lock detection mode
[16:14]
oneshot_duration
3
0
duration of the ringosc based oneshot pulse in lock detection mode
[18:17]
ringosc_cfg
2
0
Lock Detect ringosc frequency trim
“00” fastest “11” slowest
[19]
ringosc_mode
1
0
force ringosc on
[20]
csp_enable
1
1
cycle slip prevention (cSP) enable
See section PFD Lock Detect for more information about this register.
Table 15. Reg 08h Analog EN Register
Bit
name
Width
Default
Description
[0]
bias_en
1
1
enables main chip bias reference
[1]
cp_en
1
1
charge pump enable
[2]
pfd_en
1
1
pfd enable
[3]
refbuf_en
1
reference path buffer enable. Set to 1 for normal operation.
[4]
vcobuf_en
1
1
vco path rF buffer enable
[5]
gpio_pads_en
1
1
gpio pads enable, Pins D0 and D1
required for use of GPo port or Vco Serial Port
[6]
sdo_pad_en
1
1
LD_SDo pad driver enable (Pin 5)
required for use of Lock Detect, Serial Port read operation
or Vco Serial Port operation
[7]
vcodiv_digclk_en
1
1
vco divider output clk to digital enable
[8]
vcodiv_en
1
1
enable vco divider
[9]
reserved
1
0
[10]
vcodiv_dutycyc_mode
1
0
vcodiv duty cycle mode
stretches the Vco divider output when n>32
[11]
reserved
1
0
Set to 0 for normal operation
[12]
rdiv_ref_to_dig_en
1
1
reference input applied to digital when set to 1, non-divided reference signal is
fed to digital (required for normal operation)
[13]
rdiv_refdiv_to_dig_en
1
1
reference divider applied to digital, when set to 1, divided reference signal is fed
to digital (required for normal operation)
charge Pump control register. see Figure 14
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com