Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP11 Datasheet(PDF) 2 Page - ETAL Group

Part # SMP11
Description  Wide range voltage input from AC 88 to 264 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP11 Datasheet(HTML) 2 Page - ETAL Group

  SMP11 Datasheet HTML 1Page - ETAL Group SMP11 Datasheet HTML 2Page - ETAL Group SMP11 Datasheet HTML 3Page - ETAL Group SMP11 Datasheet HTML 4Page - ETAL Group SMP11 Datasheet HTML 5Page - ETAL Group SMP11 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP11 DC24V/10A
www.e-t-a.de
1646
2
3
Dimensions
GENERAL TOLERANCE
0.00 (0.00) - 30.00 (1.18)
±0.30 (0.01)
±1.50 (0.06)
30.00 (1.18) - 120.00 (4.72)
±1.50 (0.06)
120.00 (4.72) - 400.00 (15.75)
7
9
7
9
6
1
6
1
60 V DC/0.3 A
100-240 V AC
3.2 A
47-63Hz
24 V DC/10 A
64 (2.52)
64 (2.52)
L20
S20
116.6 (4.59)
7.0 (0.3)
60 V DC/0.3 A
100-240 V AC
3.2 A
47-63Hz
24 V DC/10 A
Technical data (TU = 25°C, UB = AC 100 V...240 V, I0 = 10 A)
Technical data (TU = 25°C, UB = AC 100 V...240 V, I0 = 10 A)
Power loss
(at UB 230 V, I0 10 A)
18 W typically
Power factor
compensation (active)
typically 0.97
Output circuit
Rated voltage U0
DC 24 V SELV
Current rating I0
10 A
Output voltage accuracy 0…+1 %
Min. load
0 %
Supply regulation
± 1 % at UE min. … UE max.
Load regulation
Single mode
Parallel mode
± 1 %
± 5 %
Voltage adjustment
range
DC 22.5 … 28.5 V at 0.8 x I0
Continuous load
10 A at U0 = DC 24 V, 8.4 A at
U0 = DC 28.5 V
Power boost factor
typically 120 % / typically 150 % - 3s,
see output trip curve
Short circuit behaviour
Hiccup mode
Exposure time
25 / 20 ms
ON delay at:
resistive load
capacitive load of
7,000 µF
1 s
1.5 s
Rise time at:
resistive load
capacitive load of
7,000 µF
150 ms
0.5 s
Release time
150 ms
Residual ripple
100 mV, spectrum = 20 MHz
Power back immunity
DC 35 V min.
Capacitive load
7,000 µF max.
Parallel mode
3 power supplies max. at 0.1 x I0 …
0.9 x I0
Control and protection circuit
Input protection
internal blade fuse
T5A / AC 250 V
Recommended back-up
fuse
1-pole MCB, e.g. E-T-A type 4230
Current rating
10 A / 16 A ➞ max. 20 A
Characteristic curve
B / C / D
Internal overvoltage
protection
varistor
Aux. contact
(output RDY)
Contact closed at:
DC 17.6…19.4 V
Insulation voltage
Contact load at
DC 500 V (to output)
DC 60 V / 0.3 A
Overvoltage protection
30…33 V at 0.8 x I0
Degree of protection
IP20
Physical data
Dimensions (h x w x d)
version L20 with
screw terminals:
version S20 with
removeable plug
124.5 x 64 x 123.6 mm
(4.9 x 2.52 x 4.87 inches)
143.5 x 64 x 123.6 mm
(5.65 x 2.52 x 4.87 inches)
Housing material:
metal
Mass
approx. 860 g
Vibration (random
vibration to IEC
60068-2-6)
mounted on symmetrical rail, 10 - 500 Hz,
2 g, on X, Y & Z axis,
per axis 10 min. / 60 min.
Shock (random to
IEC 60068-2-27)
halfsine 4 g (22 ms), 3 axes,
6 sides, 3 times per side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com