Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP11 Datasheet(PDF) 3 Page - ETAL Group

Part # SMP11
Description  Wide range voltage input from AC 88 to 264 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP11 Datasheet(HTML) 3 Page - ETAL Group

  SMP11 Datasheet HTML 1Page - ETAL Group SMP11 Datasheet HTML 2Page - ETAL Group SMP11 Datasheet HTML 3Page - ETAL Group SMP11 Datasheet HTML 4Page - ETAL Group SMP11 Datasheet HTML 5Page - ETAL Group SMP11 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP11 DC24V/10A
www.e-t-a.de
1646
3
3
Switched mode power supply for DIN rail mounting type SMP11 DC24V/10A
L1
V+
V+
V-
V-
RDY
C
RDY
No
N
PE
V105
10 A compact
~
Mounting and Installation
Mounting
snap onto DIN rail (TS35/7.5 or
TS35/15)
Ventilation / cooling
normal air convection, recommended
distance on each side 25 mm
Mounting position
wall-mounted with the input terminals
pointing downwards (see dimensions)
Version L20 with screw terminals:
Screw terminals
input terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
output terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
Tightening torque
input connector
1 Nm max.
Output terminal
0.6 Nm max.
Wire stripping length
8 mm
Version S20 with removeable plug
Screw terminals
input terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
output terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
Tightening torque
input connector
0.5 Nm max.
Output connector 0.8 Nm max.
Wire stripping length
4…5 mm
Pin assignment - Display - Controls
pin no.
name
description
1
RDY
limit value DC ON, relay contact (make
contact)
2
3.4
V +
Output voltage +
5.6
V -
output voltage -
7
PE
earth conductor
8
N
Input voltage, neutral conductor
(not polarised with DC input voltage)
9
L
Input voltage, phase conductor
(not polarised with DC input voltage)
DC ON
visual status indication with LED
DC LO
DC LOW output voltage LED indication
Vout Adj
potentiometer for adjustment of output
voltage U0
S/P
change-over switch single / parallel mode
Schematic diagram
Vo+
Vo-
Vout
ADJ.
DC ON
(Green LED)
Output
Level
Detection
Error amp
&
OVP
Reference &
Error Amp.
Current
Detection
Opto-
Isolation
Opto-
Isolation
Rectifier
Switching
Device
PWM
Controller
PFC
Inrush Current
Limiter
&
Rectifier
Filter
Fuse
DC LOW
(Red LED)
RDY
(Relay Contact)
Single/Parallel select
L
N
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com