Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7043LP7FE Datasheet(PDF) 39 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 39 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 35Page - Analog Devices HMC7043LP7FE Datasheet HTML 36Page - Analog Devices HMC7043LP7FE Datasheet HTML 37Page - Analog Devices HMC7043LP7FE Datasheet HTML 38Page - Analog Devices HMC7043LP7FE Datasheet HTML 39Page - Analog Devices HMC7043LP7FE Datasheet HTML 40Page - Analog Devices HMC7043LP7FE Datasheet HTML 41Page - Analog Devices HMC7043LP7FE Datasheet HTML 42Page - Analog Devices HMC7043LP7FE Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 38 of 43
SYSREF Status Register (Register 0x0091)
Table 39. SYSREF Status
Address
Bits
Bit Name
Settings
Description
Access
0x0091
[7:5]
Reserved
Reserved.
R
4
Channel outputs
FSM busy
One of clock outputs FSM requested clock, and it is running.
[3:0]
SYSREF FSM
State[3:0]
Indicates the current step of the SYSREF reseed process. Note that the three
different progressions are caused by different trigger events (reseed, pulse
generator, reserved).
0000
Reset.
0010
Done.
0100
Get ready.
0101
Get ready.
0110
Get ready.
1010
Running (pulse generator).
1011
Start.
1100
Power up.
1101
Power up.
1110
Power up.
1111
Clear reset.
Bias Settings (Register 0x0096 to Register 0x00B8)
For optimum performance of the chip, Register 0x0098 to Register 0x00B8 must be programmed to a different value than their default value.
Table 40. Reserved Registers
Address
Bits
Bit Name
Settings
Description
Access
0x0098
[7:0]
Reserved
Reserved
RW
0x0099
[7:0]
Reserved
Reserved
RW
0x009D
[7:0]
Reserved
Reserved
RW
0x009E
[7:0]
Reserved
Reserved
RW
0x009F
[7:0]
Reserved
Clock output driver low power setting (set to 0x4D instead of default value)
RW
0x00A0
[7:0]
Reserved
Clock output driver high power setting (set to 0xDF instead of default value)
RW
0x00A2
[7:0]
Reserved
Reserved
RW
0x00A3
[7:0]
Reserved
Reserved
RW
0x00A4
[7:0]
Reserved
Reserved
RW
0x00AD
[7:0]
Reserved
Reserved
RW
0x00B5
[7:0]
Reserved
Reserved
RW
0x00B6
[7:0]
Reserved
Reserved
RW
0x00B7
[7:0]
Reserved
Reserved
RW
0x00B8
[7:0]
Reserved
Reserved
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com