Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7043LP7FE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 9Page - Analog Devices HMC7043LP7FE Datasheet HTML 10Page - Analog Devices HMC7043LP7FE Datasheet HTML 11Page - Analog Devices HMC7043LP7FE Datasheet HTML 12Page - Analog Devices HMC7043LP7FE Datasheet HTML 13Page - Analog Devices HMC7043LP7FE Datasheet HTML 14Page - Analog Devices HMC7043LP7FE Datasheet HTML 15Page - Analog Devices HMC7043LP7FE Datasheet HTML 16Page - Analog Devices HMC7043LP7FE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 12 of 43
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10
TIME (ns)
Figure 9. Differential CLKOUT0/CLKOUT0 Voltage at 614.4 MHz, LVPECL
–0.5
0
0.5
1.0
1.5
2.0
2.5
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
200
400
600
800
1000
TIME (ns)
CLKOUT0
CLKOUT2
VALID PHASE ALARM
Figure 10. Output Channel Synchronization Before and After Rephase
–0.5
0
0.5
1.0
1.5
2.0
2.5
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
330
335
340
345
350
TIME (ns)
CLKOUT0
CLKOUT2
VALID PHASE ALARM
Figure 11. Output Channel Synchronization Before Rephase
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
695
700
705
710
715
TIME (ns)
CLKOUT0
CLKOUT2
VALID PHASE ALARM
–0.5
0
0.5
1.0
1.5
2.0
2.5
Figure 12. Output Channel Synchronization After Rephase
10
15
20
25
30
DELAY STEP
–40°C
+25°C
+85°C
Figure 13. Analog Delay Step Size vs. Delay Step over Temperature,
LVPECL at 983.04 MHz
–200
–100
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
DELAY STEP
FUND:FUNDAMENTAL MODE AT 2949.12MHz
DIS: ANALOG DELAY IS DISABLED AT 983.04MHz
–40°C
+27°C
+85°C
Figure 14. Analog Delay vs. Delay Setting over Temperature, LVPECL at
983.04 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com