Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7121 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7121
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7121 Datasheet HTML 1Page - National Semiconductor (TI) LM7121 Datasheet HTML 2Page - National Semiconductor (TI) LM7121 Datasheet HTML 3Page - National Semiconductor (TI) LM7121 Datasheet HTML 4Page - National Semiconductor (TI) LM7121 Datasheet HTML 5Page - National Semiconductor (TI) LM7121 Datasheet HTML 6Page - National Semiconductor (TI) LM7121 Datasheet HTML 7Page - National Semiconductor (TI) LM7121 Datasheet HTML 8Page - National Semiconductor (TI) LM7121 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM7121
235 MHz Tiny Low Power Voltage Feedback Amplifier
General Description
The LM7121 is a high performance operational amplifier
which addresses the increasing AC performance needs of
video and imaging applications, and the size and power con-
straints of portable applications.
The LM7121 can operate over a wide dynamic range of sup-
ply voltages, from 5V (single supply) up to ±15V (see the Ap-
plication Information section for more details). It offers an ex-
cellent speed-power product delivering 1300V/µs and 235
MHz Bandwidth (−3 dB, A
V = +1). Another key feature of this
operational amplifier is stability while driving unlimited ca-
pacitive loads.
Due to its Tiny SOT23-5 package, the LM7121 is ideal for
designs where space and weight are the critical parameters.
The benefits of the Tiny package are evident in small por-
table electronic devices, such as cameras, and PC video
cards. Tiny amplifiers are so small that they can be placed
anywhere on a board close to the signal source or near the
input to an A/D converter.
Features
(Typical unless otherwise noted) V
S = ±15V
n Easy to use voltage feedback topology
n Stable with unlimited capacitive loads
n Tiny SOT23-5 package — typical circuit layout takes half
the space of SO-8 designs
n Unity gain frequency:
175 MHz
n Bandwidth (−3 dB, AV = +1, RL = 100Ω):
235 MHz
n Slew rate:
1300V/µs
n Supply Voltages SO-8:
5V to ±15V
SOT23-5:
5V to ±5V
n Characterized for:
+5V, ±5V, ±15V
n Low supply current:
5.3 mA
Applications
n Scanners, color fax, digital copiers
n PC video cards
n Cable drivers
n Digital cameras
n ADC/DAC buffers
n Set-top boxes
Connection Diagrams
Ordering Information
Package
Ordering Information
NSC Drawing
Package
Supplied As
Number
Marking
8-Pin SO-8
LM7121IM
M08A
LM7121IM
Rails
LM7121IMX
M08A
LM7121IM
2.5k Tape and Reel
5-Pin SOT23-5
LM7121IM5
MA05A
A03A
1k Tape and Reel
LM7121IM5X
MA05A
A03A
3k Tape and Reel
8-Pin SO-8
DS012348-2
Top View
5-Pin SOT23
DS012348-1
Top View
August 1999
© 1999 National Semiconductor Corporation
DS012348
www.national.com


Similar Part No. - LM7121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
235 MHz Tiny Low Power Voltage Feedback Amplifier
LM7121IM TI1-LM7121IM Datasheet
1Mb / 29P
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
LM7121IM/NOPB TI1-LM7121IM/NOPB Datasheet
1Mb / 29P
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
LM7121IM5 TI1-LM7121IM5 Datasheet
1Mb / 29P
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
LM7121IM5/NOPB TI1-LM7121IM5/NOPB Datasheet
1Mb / 29P
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
More results

Similar Description - LM7121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
logo
National Semiconductor ...
LM6317 NSC-LM6317 Datasheet
209Kb / 8P
120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
logo
Analog Devices
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
National Semiconductor ...
LM7121 NSC-LM7121_14 Datasheet
709Kb / 21P
LM7121 235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Analog Devices
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
logo
Texas Instruments
LM7121 TI1-LM7121_14 Datasheet
1Mb / 29P
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com