Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7121 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7121
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM7121 Datasheet HTML 11Page - National Semiconductor (TI) LM7121 Datasheet HTML 12Page - National Semiconductor (TI) LM7121 Datasheet HTML 13Page - National Semiconductor (TI) LM7121 Datasheet HTML 14Page - National Semiconductor (TI) LM7121 Datasheet HTML 15Page - National Semiconductor (TI) LM7121 Datasheet HTML 16Page - National Semiconductor (TI) LM7121 Datasheet HTML 17Page - National Semiconductor (TI) LM7121 Datasheet HTML 18Page - National Semiconductor (TI) LM7121 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Information (Continued)
Differential Gain and Differential Phase errors measured at
the load are less than 1% and 1˚ respectively.
R
G and CC can be adjusted for various cable lengths to com-
pensate for the line losses and for proper response at the
output. Values shown correspond to a twisted pair cable
length of 25 meters with about 3 turns/inch (see
Figure 5 for
step response).
The supply voltage can vary from 8.5V up to 30V with the
output rise and fall times under 12 ns. With the component
values shown, the overall gain from the input to the output is
about 1.
Even though the transmission line is not terminated in its
nominal characteristic impedance of about 600
Ω, the result-
ing reflection at the load is only about 5% of the total signal
and in most cases can be neglected. Using 75
Ω termination
instead, has the advantage of operating at a low impedance
and results in a higher realizable bandwidth and signal
fidelity.
DS012348-94
Note:
Pin numbers shown are for SO-8 package.
*Input termination of NTSC monitor.
FIGURE 4. Single Supply Differential Twister Pair Cable Transmitter/Receiver
8.5V
≤ V
CC ≤ 30V
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com