Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS01 Datasheet(PDF) 4 Page - ETAL Group

Part # BMS01
Description  Utility vehicles for hazardous goods
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

BMS01 Datasheet(HTML) 4 Page - ETAL Group

  BMS01 Datasheet HTML 1Page - ETAL Group BMS01 Datasheet HTML 2Page - ETAL Group BMS01 Datasheet HTML 3Page - ETAL Group BMS01 Datasheet HTML 4Page - ETAL Group BMS01 Datasheet HTML 5Page - ETAL Group BMS01 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Battery Master Switch BMS01
www.e-t-a.de
1615
4
2
Functional diagrams
Diagram 1
Type: BMS01-2120
switch on/off via control switch
control switch emergency
stop
battery isolation switch
K13 aux. contact
K14 aux. contact
tV
tN
tN
9.5 s
10 s
ON
OFF
ON
OFF
active
passive
active
passive
Diagram 2
Type: BMS01-2121
with low voltage monitoring and automatic disconnection
control switch emergency
stop
battery isolation switch
control input pin 5
voltage monitoring
K13 aux. contact
K14 aux. contact
tV
tN
tN
9.5 s
60 s
ON
OFF
ON
OFF
Plus
Minus
active
passive
active
passive
U > 23.3 V
U < 22.8 V
Diagram 3
Type: BMS01-2123
with low voltage monitoring and signalisation via K14
and ON/OFF operation via control switch
control switch emergency
stop
battery isolation switch
K13 aux. contact
control input pin 5
voltage monitoring
K14 aux. contact
tV
tN
9.5 s
10 s
ON
OFF
ON
OFF
Plus
Minus
active
passive
U > 23.3 V
U < 22.8 V
active
passive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com