Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS01 Datasheet(PDF) 1 Page - ETAL Group

Part # BMS01
Description  Utility vehicles for hazardous goods
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

BMS01 Datasheet(HTML) 1 Page - ETAL Group

  BMS01 Datasheet HTML 1Page - ETAL Group BMS01 Datasheet HTML 2Page - ETAL Group BMS01 Datasheet HTML 3Page - ETAL Group BMS01 Datasheet HTML 4Page - ETAL Group BMS01 Datasheet HTML 5Page - ETAL Group BMS01 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Battery Master Switch BMS01
www.e-t-a.de
1615
1
2
Description
Technical data
BMS01
The BMS01 is a battery master switch designed for dangerous goods road
vehicles complying with international ADR regulations. Environmental
protection and the intrinsically safe control circuitry of the BMS01 are
in accordance with ADR 2015. The battery switch must be installed
between the battery and the vehicle’s electrical system. It is operated
on and off by means of a control switch in the driver’s cab, additional
control switches can be sited around the vehicle as required. The
BMS01 is a double pole device, but can be connected as 1-pole
version (see connection diagram).
An integral safety barrier permits siting of the BMS01 in hazardous
areas. Additional auxiliary contacts are provided for disconnection of
the ignition circuit, de-energisation of the alternator field winding, or a
controlled shutdown of the CANBUS system followed after a delay by
disconnection of the battery.
Typical applications
Utility vehicles for hazardous goods.
IP65
Ordering information
Protection Class
Type number
BMS01 Battery Master Switch (to ADR 2015)
Number of poles
2 2-pole
Rated voltage
0 DC 12 V
1 DC 24 V
Control function: delay time between
auxiliary contact K13 and main contacts
1 1 sec / ADR-compliant
2 9.5 sec / ADR-compliant
5 180 sec / version for SCRT (BlueTec) motors
Control function: low voltage monitoring
0
without low voltage monitoring
1
with low voltage monitoring and disconnection -
device switches off in undervoltage condition
3
with low voltage monitoring and signalisation
Version
0 neutral
BMS01 - 2 1 1 1 - 0 ordering example
Rubber caps and mounting screws are supplied with the product.
Accessories (e.g. external control switch, 7-pole and 4-pole connectors) should be
ordered separately.
Operating data
Voltage rating
DC 12 V
DC 24 V
Voltage range
9...16 V
18...32 V
Rated current
200 A / pole
Max. overload current
2,400 A 1 s; 600 A 20 s
Power consumption of
electronic module
typically 5 mA (in OFF condition)
Excitation current / time of
the bistable main relay
12 V:
typically 2.6 A / 200 ms
24 V:
typically 1.3 A / 200 ms
Control circuit (EX)
ZELM 04 ATEX 0213X
Ex II (2) G [Ex ib] II C
Temperature range
-40...+70 °C (-40...+158 °F)
Reverse polarity protection
integral (in the event of reverse polarity
the master switch will disconnect
instantaneously)
Low voltage monitoring
DC 12 V
DC 24 V
switching thresholds:
11.0 V ± 0. 3 V
22.8 V ± 0.3 V
hysteresis:
typically 0.25 V
typically 0.5 V
trip time:
typically 60 sec typically 60 sec
Typical life
10,000 cycles at rated current
100,000 cycles without load
Protection class: housing
IP65
Protection class: terminals
IP54 with rubber caps
Vibration
5 g (57-200 Hz), ± 0.38 mm (10-57 Hz),
test to IEC 60068-2-6, test Fc,
10 frequency cycles / axis
Shock
10 g, test to IEC 60068-2-27, test Ea
Corrosion
96 hrs 5 % salt mist,
test to IEC 60068-2-11, test Ka
Humidity
240 hrs. 95 % RH,
test to IEC 60068-2-78, test Cab
Terminals
battery terminals:
M10 terminal studs
control terminals:
AUX connectors to DIN 72 585, 7-pole
CRTL connectors to DIN 72 585, 2-pole
Auxiliary contact
max. 10 A (circuit unprotected)
Aux. energy output for
permanently energised loads
(e.g. tachograph)
max. 1 A (internally protected)
Mass
approx. 1,700 g
Approvals
Authority
Standard
Rated voltage
TÜV
- ADR 2015 Teil/part 9, 9.2.2 und /
and 9.7.8
- VdTÜV-Merkblatt 5205, Ausgabe /
edition 03.2015
- IEC 60079-0:2011
- IEC 60079-11:2011
- IEC 60529:2001
KBA
ECE Regelung Nr. 10 (E1) Rev. 4
DC 12 V
DC 24 V
ZELM
EN60079-0:2012+A11:2013
EN60079-11:2012
DC 12 V
DC 24 V


Similar Part No. - BMS01

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
BMS01 E-T-A-BMS01 Datasheet
165Kb / 2P
E-T-A Battery Master Switch BMS01
BMS01-2010-0 E-T-A-BMS01-2010-0 Datasheet
760Kb / 6P
Battery Master Switch BMS01
BMS01-2011-0 E-T-A-BMS01-2011-0 Datasheet
760Kb / 6P
Battery Master Switch BMS01
BMS01-2013-0 E-T-A-BMS01-2013-0 Datasheet
760Kb / 6P
Battery Master Switch BMS01
BMS01-2020-0 E-T-A-BMS01-2020-0 Datasheet
760Kb / 6P
Battery Master Switch BMS01
More results

Similar Description - BMS01

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
Designed specially for electric vehicles
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
White Goods Lighting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com