Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7121IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7121IM
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM7121IM Datasheet HTML 1Page - National Semiconductor (TI) LM7121IM Datasheet HTML 2Page - National Semiconductor (TI) LM7121IM Datasheet HTML 3Page - National Semiconductor (TI) LM7121IM Datasheet HTML 4Page - National Semiconductor (TI) LM7121IM Datasheet HTML 5Page - National Semiconductor (TI) LM7121IM Datasheet HTML 6Page - National Semiconductor (TI) LM7121IM Datasheet HTML 7Page - National Semiconductor (TI) LM7121IM Datasheet HTML 8Page - National Semiconductor (TI) LM7121IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
±15V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +15V, V− = −15V, V
CM = VO = 0V and RL > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
I
S
Supply Current
5.3
6.6
mA
7.5
max
±15V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 15V, V− = −15V, V
CM = VO = 0V and RL > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
SR
Slew Rate
A
V = +2, RL = 1kΩ,
1300
V/µs
(Note 8)
V
O = 20 VPP
GBW
Unity Gain-Bandwidth
R
L = 1kΩ
175
MHz
φ
m
Phase Margin
63
Deg
f (−3 dB)
Bandwidth
R
L = 100Ω,AV = +1
235
MHz
(Notes 9, 10)
R
L = 100Ω,AV = +2
50
t
s
Settling Time
10 V
PP Step, to 0.1%,74
ns
R
L = 500Ω
t
r,tf
Rise and Fall Time
A
V = +2, RL = 100Ω,
5.3
ns
(Note 10)
V
O = 0.4 VPP
A
D
Differential Gain
A
V = +2, RL = 150Ω
0.3
%
φ
D
Differential Phase
A
V = +2, RL = 150Ω
0.65
Deg
e
n
Input-Referred
f = 10 kHz
17
Voltage Noise
i
n
Input-Referred
f = 10 kHz
1.9
Current Noise
T.H.D.
Total Harmonic Distortion
2 V
PP Output, RL = 150Ω,
0.065
%
A
V = +2, f = 1 MHz
2V
PP Output, RL = 150Ω,
0.52
A
V = +2, f = 5 MHz
±5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = −5V, V
CM = VO = 0V and RL > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
V
OS
Input Offset Voltage
1.6
8
mV
15
max
I
B
Input Bias Current
5.5
9.5
µA
12
max
I
OS
Input Offset Current
0.07
4.3
µA
7.0
max
R
IN
Input Resistance
Common Mode
6.8
M
Ω
Differential Mode
3.4
M
Ω
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com