Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7121IM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7121IM
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM7121IM Datasheet HTML 1Page - National Semiconductor (TI) LM7121IM Datasheet HTML 2Page - National Semiconductor (TI) LM7121IM Datasheet HTML 3Page - National Semiconductor (TI) LM7121IM Datasheet HTML 4Page - National Semiconductor (TI) LM7121IM Datasheet HTML 5Page - National Semiconductor (TI) LM7121IM Datasheet HTML 6Page - National Semiconductor (TI) LM7121IM Datasheet HTML 7Page - National Semiconductor (TI) LM7121IM Datasheet HTML 8Page - National Semiconductor (TI) LM7121IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
±5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = −5V, V
CM = VO = 0V and RL > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
C
IN
Input Capacitance
Common Mode
2.3
pF
CMRR
Common Mode
−2V
≤ V
CM ≤ 2V
75
65
dB
Rejection Ratio
60
min
+PSRR
Positive Power Supply
3V
≤ V+ ≤ 5V
89
65
dB
Rejection Ratio
60
min
−PSRR
Negative Power Supply
−5V
≤ V− ≤ −3V
78
65
dB
Rejection Ratio
60
min
V
CM
Input Common Mode
CMRR
≥ 60 dB
3
2.5
V
Voltage Range
min
−3
−2.5
V
max
A
V
Large Signal
R
L = 2kΩ,VO = 3VPP
66
60
dB
Voltage Gain
58
min
V
O
Output Swing
R
L = 2kΩ
3.62
3.0
V
2.75
min
−3.62
−3.0
V
−2.70
max
R
L = 150Ω
3.1
2.5
V
2.3
min
−2.8
−2.15
V
−2.00
max
I
SC
Output Short Circuit
Sourcing
53
38
mA
Current
33
min
Sinking
29
21
mA
19
min
I
S
Supply Current
5.1
6.4
mA
7.2
max
±5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = −5V, V
CM = VO = 0V and RL > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
SR
Slew Rate
A
V = +2, RL = 1kΩ,
520
V/µs
(Note 8)
V
O = 6VPP
GBW
Unity Gain-Bandwidth
R
L = 1kΩ
105
MHz
φ
m
Phase Margin
R
L = 1kΩ
74
Deg
f (−3 dB)
Bandwidth
R
L = 100Ω,AV = +1
160
MHz
(Notes 9, 10)
R
L = 100Ω,AV = +2
50
t
s
Settling Time
5 V
PP Step, to 0.1%,65
ns
R
L = 500Ω
t
r,tf
Rise and Fall Time
A
V = +2, RL = 100Ω,
5.8
ns
(Note 10)
V
O = 0.4 VPP
A
D
Differential Gain
A
V = +2, RL = 150Ω
0.3
%
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com