Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7131 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7131
Description  Tiny High Speed Single Supply Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7131 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM7131 Datasheet HTML 3Page - National Semiconductor (TI) LM7131 Datasheet HTML 4Page - National Semiconductor (TI) LM7131 Datasheet HTML 5Page - National Semiconductor (TI) LM7131 Datasheet HTML 6Page - National Semiconductor (TI) LM7131 Datasheet HTML 7Page - National Semiconductor (TI) LM7131 Datasheet HTML 8Page - National Semiconductor (TI) LM7131 Datasheet HTML 9Page - National Semiconductor (TI) LM7131 Datasheet HTML 10Page - National Semiconductor (TI) LM7131 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Typical Performance Characteristics (Continued)
LM7131 Input Current vs
Input Voltage @ 3V
DS012313-30
LM7131 Input Current vs
Input Voltage @ 5V
DS012313-31
LM7131 CMRR vs
Frequency @ 5V
DS012313-32
LM7131 Voltage Noise vs
Frequency @ 3V
DS012313-33
LM7131 Voltage Noise vs
Frequency @ 5V
DS012313-34
LM7131 PSRR vs
Frequency @ 3V
DS012313-35
LM7131 PSRR vs
Frequency @ 5V
DS012313-36
LM7131 Cable Driver
A
V = +1 @ +3V
DS012313-37
LM7131 Cable Driver
A
V = +2 @ +3V
DS012313-38
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com