Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7131 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7131
Description  Tiny High Speed Single Supply Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7131 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM7131 Datasheet HTML 8Page - National Semiconductor (TI) LM7131 Datasheet HTML 9Page - National Semiconductor (TI) LM7131 Datasheet HTML 10Page - National Semiconductor (TI) LM7131 Datasheet HTML 11Page - National Semiconductor (TI) LM7131 Datasheet HTML 12Page - National Semiconductor (TI) LM7131 Datasheet HTML 13Page - National Semiconductor (TI) LM7131 Datasheet HTML 14Page - National Semiconductor (TI) LM7131 Datasheet HTML 15Page - National Semiconductor (TI) LM7131 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Notes on Performance Curves and Datasheet Limits (Continued)
DRIVING TYPE 1175 FLASH A/D LOADS
The circuits in
Figures 6, 7, 8, 9, 10, 11 show a LM7131 in a
voltage follower configuration driving the passive equivalent
of a typical flash A/D input. Note that there is a slight ringing
on the output, which can affect accurate analog-to-digital
conversion. In these graphs, we have adjusted the ringing to
be a little larger than desirable in order to better show the
settling time. Most settling times at low gain are about 75 ns
to < 1% of final voltage. The ringing can be reduced by add-
ing a low value (approximately 500
Ω) feedback resistor from
the output to the inverting input and placing a small (pico-
farad range) capacitor across the feedback resistor. See
Fig-
ure 9 and Figure 10 for schematics and respective perfor-
mance curves for flash A/D driving at A
V = +5 with and
withouta2pF feedback capacitor.
See section on feedback compensation. Ringing can also be
reduced by placing an isolation resistor between the output
and the analog-to-digital converter input — see sections on
driving capacitive loads and analog-to-digital converters.
Please refer to
Figures 6, 7, 8, 9, 10, 11 for schematics of
test setups for driving flash A/D converters.
DS012313-12
Numbers in parentheses are measured
fixture capacitances w/o DUT and load.
FIGURE 4. Cable Driver 75' RG-59
DS012313-13
Numbers in parentheses are measured
fixture capacitances w/o DUT and load.
FIGURE 5. Cable Driver Gain of 10 A
V = +10
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com