Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9130LSR3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF9130LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9130LSR3 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF9130LSR3 Datasheet HTML 1Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 2Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 3Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 4Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 5Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 6Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 7Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 8Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF9130LR3 MRF9130LSR3
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vds, VGS = 0 Vdc)
IDSS
—
—
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vds, VGS = 0 Vdc)
IDSS
—
—
1
µAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 450 µAdc)
VGS(th)
2
3
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 1000 mAdc)
VGS(Q)
—
3.6
—
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 3 Adc)
VDS(on)
—
0.2
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 9 Adc)
gfs
—
12
—
S
DYNAMIC CHARACTERISTICS (1)
Output Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
—
110
—
pF
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
4.4
—
pF
FUNCTIONAL TESTS (In Motorola Test Fixture)
Power Output, 1 dB Compression Point
(VDD = 28 Vdc, IDQ = 1000 mA, f = 921 and 960 MHz)
P1dB
120
135
—
W
Common-Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 130 W, IDQ = 1000 mA, f = 921 and 960 MHz)
Gps
15.5
16.5
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 130 W, IDQ = 1000 mA, f = 921 and 960 MHz)
η
43
48
—
%
Input Return Loss
(VDD = 28 Vdc, Pout = 130 W, IDQ = 1000 mA, f = 921 and 960 MHz)
IRL
—
-12
-9
dB
Output Mismatch Stress
(VDD = 28 Vdc, Pout = 130 W CW, IDQ = 1000 mA,
f = 921 MHz, VSWR = 5:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
(1) Part is internally input matched.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com