Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9130LSR3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF9130LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9130LSR3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF9130LSR3 Datasheet HTML 1Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 2Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 3Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 4Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 5Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 6Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 7Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 8Page - Motorola, Inc MRF9130LSR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9130LR3 MRF9130LSR3
MOTOROLA RF DEVICE DATA
Figure 1. 921-960 MHz Test Circuit Schematic
C1
+
Z1
C8
R1
RF
INPUT
RF
OUTPUT
DUT
VGG
C2
R2
C3
R3
VDD
C6
C5
C4
+
C7
Z2
C9
Z3
C11
C10
C13
C12
Z4
C17
C16
C15
C14
C18
C20
C19
Z5
C21
C22
Z6
Table 1. 921-960 MHz Test Circuit Component Designations and Values
Designators
Description
C1, C4
10 µF, 35 V Tantalum Capacitors, Vishay-Sprague #293D106X9035D
C2, C5
100 nF Chip Capacitors (1206), AVX #1206C104KATDA
C3, C8, C21, C22
22 pF, 100B Chip Capacitors, ATC #100B220C
C6
33 pF, 100B Chip Capacitor, ATC #100B330JW
C7
1.0 pF, 100B Chip Capacitor, ATC #100B1R0BW
C9
4.7 pF, 100B Chip Capacitor, ATC #100B4R7BW
C10
8.2 pF, 100B Chip Capacitor, ATC #100B8R2CW
C11
10 pF, 100B Chip Capacitor, ATC #100B100GW
C12, C13
12 pF, 100B Chip Capacitors, ATC #100B120GW
C14, C15
2.7 pF, 100B Chip Capacitors, ATC #100B2R7BW
C16, C17, C18
3.9 pF, 100B Chip Capacitors, ATC #100B3R9BW
C19
3.3 pF, 100B Chip Capacitor, ATC #100B3R3BW
C20
1.8 pF, 100B Chip Capacitor, ATC #100B1R8BW
R1
18 kW, 1/8 W Chip Resistor (1206)
R2
10 kW, 1/8 W Chip Resistor (1206)
R3
1.0 kW, 1/8 W Chip Resistor (1206)
Z1
0.117″ x 0.600″ Microstrip
Z2
0.117″ x 1.851″ Microstrip
Z3
1.074″ x 1.068″ Microstrip
Z4
1.074″ x 0.980″ Microstrip
Z5
0.117″ x 1.933″ Microstrip
Z6
0.117″ x 0.605″ Microstrip
PCB
Taconic TLX8, 0.030″, εr = 2.55
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com