Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM723
Description  Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM723 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM723 Datasheet HTML 2Page - National Semiconductor (TI) LM723 Datasheet HTML 3Page - National Semiconductor (TI) LM723 Datasheet HTML 4Page - National Semiconductor (TI) LM723 Datasheet HTML 5Page - National Semiconductor (TI) LM723 Datasheet HTML 6Page - National Semiconductor (TI) LM723 Datasheet HTML 7Page - National Semiconductor (TI) LM723 Datasheet HTML 8Page - National Semiconductor (TI) LM723 Datasheet HTML 9Page - National Semiconductor (TI) LM723 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Applications
DS008563-9
for minimum temperature drift.
R3 may be eliminated for
minimum component count.
Typical Performance
Regulated Output Voltage
15V
Line Regulation (
∆V
IN = 3V)
1.5 mV
Load Regulation (
∆I
L = 50 mA)
4.5 mV
FIGURE 2. Basic High Voltage Regulator
(V
OUT = 7 to 37 Volts)
DS008563-10
Typical Performance
Regulated Output Voltage
−15V
Line Regulation (
∆V
IN = 3V)
1 mV
Load Regulation (
∆I
L = 100 mA)
2 mV
FIGURE 3. Negative Voltage Regulator
DS008563-11
Typical Performance
Regulated Output Voltage
+15V
Line Regulation (
∆V
IN = 3V)
1.5 mV
Load Regulation (
∆I
L = 1A)
15 mV
FIGURE 4. Positive Voltage Regulator
(External NPN Pass Transistor)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com