Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM723
Description  Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM723 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM723 Datasheet HTML 1Page - National Semiconductor (TI) LM723 Datasheet HTML 2Page - National Semiconductor (TI) LM723 Datasheet HTML 3Page - National Semiconductor (TI) LM723 Datasheet HTML 4Page - National Semiconductor (TI) LM723 Datasheet HTML 5Page - National Semiconductor (TI) LM723 Datasheet HTML 6Page - National Semiconductor (TI) LM723 Datasheet HTML 7Page - National Semiconductor (TI) LM723 Datasheet HTML 8Page - National Semiconductor (TI) LM723 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM723/LM723C
Voltage Regulator
General Description
The LM723/LM723C is a voltage regulator designed prima-
rily for series regulator applications. By itself, it will supply
output currents up to 150 mA; but external transistors can be
added to provide any desired load current. The circuit fea-
tures extremely low standby current drain, and provision is
made for either linear or foldback current limiting.
The LM723/LM723C is also useful in a wide range of other
applications such as a shunt regulator, a current regulator or
a temperature controller.
The LM723C is identical to the LM723 except that the
LM723C has its performance guaranteed over a 0˚C to
+70˚C temperature range, instead of −55˚C to +125˚C.
Features
n 150 mA output current without external pass transistor
n Output currents in excess of 10A possible by adding
external transistors
n Input voltage 40V max
n Output voltage adjustable from 2V to 37V
n Can be used as either a linear or a switching regulator
Connection Diagrams
Dual-In-Line Package
DS008563-2
Top View
Order Number LM723J/883 or LM723CN
See NS Package J14A or N14A
Metal Can Package
DS008563-3
Note: Pin 5 connected to case.
Top View
Order Number LM723H, LM723H/883 or LM723CH
See NS Package H10C
June 1999
© 1999 National Semiconductor Corporation
DS008563
www.national.com


Similar Part No. - LM723

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM723 STMICROELECTRONICS-LM723 Datasheet
1Mb / 15P
HIGH PRECISION VOLTAGE REGULATOR
Sep-2003
LM723 STMICROELECTRONICS-LM723 Datasheet
1Mb / 21P
High precision voltage regulator
22-Nov-2007
logo
Texas Instruments
LM723 TI1-LM723 Datasheet
953Kb / 18P
Voltage Regulator
LM723 TI1-LM723 Datasheet
850Kb / 21P
Voltage Regulator
LM723 TI1-LM723 Datasheet
992Kb / 23P
Voltage Regulator
More results

Similar Description - LM723

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com