Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4500-2ARMZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4500-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configuration............................................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
VSY = 2.7 V Electrical Characteristics ........................................ 3
VSY = 5.0 V Electrical Characteristics ........................................ 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 19
Rail-to-Rail Output.................................................................... 19
Rail-to-Rail Input (RRI) ............................................................ 19
Zero Cross-Over Distortion ..................................................... 19
Overload Recovery..................................................................... 20
Power-On Current Profile......................................................... 21
Applications Information .............................................................. 22
Resistance and Capacitance Sensor Circuit............................ 22
Adaptive Single-Ended-to-Differential Signal Converter..... 22
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
10/12–Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 24
10/12–Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com