Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4500-2ARMZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4500-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 6 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE PERFORMANCE
Total Harmonic Distortion + Noise
THD+N
G = 1, f = 20 Hz to 20 kHz, V
IN = 1.4 V rms at 1 kHz
Bandwidth = 80 kHz
0.0004
%
Bandwidth = 500 kHz
0.0008
%
Peak-to-Peak Noise
e
n p-p
f = 0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
e
n
f = 1 kHz
14.5
nV/√Hz
Current Noise Density
i
n
f = 1 kHz
<0.5
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com