Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4858-3ACPZ-R7
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4858-3ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADA4858-3
Data Sheet
Rev. B | Page 10 of 20
0.15
–0.15
–0.10
–0.05
0
0.05
0.10
TIME (5ns/DIV)
VOUT = 200mV p-p
CL = 4pF
CL = 10pF
CL = 6pF
Figure 22. Small Signal Transient Response vs. Capacitive Load
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–5
40
35
30
25
20
15
10
5
0
TIME (ns)
INPUT
OUTPUT
ERROR
Figure 23. Settling Time (Rise)
5
–3
–2
–1
0
1
2
3
4
2.5
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (20ns/DIV)
VIN
VOUT
Figure 24. Output Overdrive Recovery
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
TIME (5ns/DIV)
CL = 14pF
CL = 10pF
CL = 16pF
Figure 25. Large Signal Transient Response vs. Capacitive Load
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–5
40
35
30
25
20
15
10
5
0
TIME (ns)
INPUT
OUTPUT
ERROR
Figure 26. Settling Time (Fall)
3.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
–1.0
–0.5
0
0.5
TIME (20ns/DIV)
VIN
VOUT
VS = 3.3V
Figure 27. Output Overdrive Recovery, VS = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com