Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4858-3ACPZ-R7
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4858-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
ADA4858-3
Rev. B | Page 11 of 20
1000
900
800
700
600
500
400
300
200
100
0
0.5
1.0
1.5
2.0
2.5
0
OUTPUT VOLTAGE (V p-p)
RISE, G = 2
FALL, G = 2
FALL, G = 1
RISE, G = 1
Figure 28. Slew Rate vs. Output Voltage
0
–3.2
–2.8
–2.4
–2.0
–1.6
–1.2
–0.8
–0.4
24
22
20
18
16
14
12
10
8
2.5
5.0
4.5
4.0
3.5
3.0
CHARGE PUMP SUPPLY VOLTAGE (V)
AMPLIFIER
CURRENT
OUTPUT
VOLTAGE
CHARGE
PUMP CURRENT
Figure 29. Charge Pump Output Voltage and Current vs.
Charge Pump Supply Voltage
20
18
16
14
12
10
8
6
4
2
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 30. Input Voltage Noise vs. Frequency
1000
900
800
700
600
500
400
300
200
100
0
0.5
1.0
1.5
2.0
2.5
0
OUTPUT VOLTAGE (V p-p)
RISE, G = 1
RISE, G = 2
FALL, G = 1
VS = 3.3V
FALL, G = 2
Figure 31. Slew Rate vs. Output Voltage, VS = 3.3 V
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
6
5
4
3
2
1
0
TIME (400ns/DIV)
VPD
VOUT
Figure 32. Enable/Power-Down Time
100
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
+IN
–IN
Figure 33. Input Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com