Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4627-1ARZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4627-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADA4627-1/ADA4637-1
Rev. F | Page 9 of 20
Figure 22. Input Bias Current vs. VCM at 125°C
Figure 23. Input Offset Voltage vs. Time
Figure 24. Small Signal Overshoot vs. Load Capacitance
Figure 25. Large Signal Transient Response
Figure 26. Large Signal Transient Response
Figure 27. Large Signal Transient Response
100
0
200
300
400
500
600
700
800
900
1000
1100
1200
–15
–10
–5
0
5
10
15
VCM (V)
IB
IB+
ADA4627-1
TA = 125°C
VSY = ±15V
80
60
40
20
0
–20
–40
–60
–80
0
60
120
180
240
300
TIME (Seconds)
ADA4627-1
TA = 25°C
VSY = ±15V
60
50
40
30
20
10
0
1
10
100
1000
10,000
LOAD CAPACITANCE (pF)
OS–
ADA4627-1
TA = 25°C
VSY = ±15V
AV = +1
VIN = 100mV p-p
OS+
TIME (1µs/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 20V p-p
RF = RIN = 2kΩ
CF = 10pF
RL = 1kΩ
CL = 1nF
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = +1
VIN = 20V p-p
RF = 0Ω
CH1 5.00V
TIME (200ns/DIV)
1
ADA4627-1
TA = 25°C
AV = –1
VIN = 20V p-p
RF = RIN = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com