Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4627-1ARZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4627-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4627-1ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADA4627-1/ADA4637-1
Rev. F | Page 15 of 20
THD + N MEASUREMENTS
Total harmonic distortion plus noise (THD + N) is usually
measured with an audio analyzer, such as those from Audio
Precision, Inc™. The analyzer consists of a low distortion
oscillator that is swept from the starting frequency to the
ending frequency. The oscillator is connected to the circuit
under test, and the output of the circuit goes back to the analyzer.
The analyzer has a tunable notch filter in lock step with the
swept oscillator. This removes the fundamental frequency
but allows all of the harmonics and wideband noise to be
measured with an integrating voltmeter. However, there is a
switchable low-pass filter in series with the notch filter. If the
sine wave is at 100 Hz, then the tenth harmonic is still at 1 kHz;
therefore, having a low pass at 80 kHz is not a problem. When
the oscillator reaches 20 kHz, the fourth harmonic (80 kHz)
is partially attenuated, resulting in a lower reading from the
voltmeter. When evaluating THD + N curves from any
manufacturer, careful attention should be paid to the test
conditions. The difference between an 80 kHz low-pass filter
and a 500 kHz filter is shown in Figure 49.
Figure 49. THD + N vs. Frequency
PRINTED CIRCUIT BOARD LAYOUT, BIAS
CURRENT, AND BYPASSING
To take advantage of the very low input bias current of the
ADA4627-1/ADA4637-1 at room temperature, leakage paths
must be considered. A printed circuit board (PCB), with dust
and humidity, can have 100 MΩ of resistance over a few tenths
of an inch. A 1 mV differential between the two points results in
10 pA of leakage current, more than the guaranteed maximum.
The op amp inputs should be guarded by surrounding the nets
with a metal trace maintained at the predicted voltage. In the
case of an inverting configuration or transimpedance amplifier,
(see Figure 50), the inverting and noninverting nodes can be
surrounded by traces held at a quiet analog ground.
Figure 50. Inverting Amplifier with Guard
For a noninverting configuration, the trace can be driven from
the feedback divider, but the resistors should be chosen to offer
a low impedance drive to the trace (see Figure 51).
Figure 51. Noninverting Amplifier with Guard
The board layout should be compact with traces as short as
possible. For second-order board considerations, such as
triboelectric effects and piezoelectric effects, as well as a table
of insulating material properties, see the AD549 data sheet.
In some cases, shielding from air currents may be helpful.
A general rule of thumb, for op amps with gain bandwidth
products higher than 1 MHz, bypass capacitors should be very
close to the device, within 3 mm. Each supply should be
bypassed with a 0.01 μF ceramic capacitor in parallel with a
1 F bulk decoupling capacitor. The ceramic capacitors should
be closer to the op amp. Sockets, which add inductance and
capacitance, should not be used.
OUTPUT PHASE REVERSAL
Output phase reversal occurs in some amplifiers when the input
common-mode voltage range is exceeded. As common-mode
voltage is moved outside the common-mode range, the outputs
of these amplifiers can suddenly jump in the opposite direction
to the supply rail. This is the result of the differential input pair
shutting down, causing a radical shifting of internal voltages
that results in the erratic output behavior.
The ADA4627-1/ADA4637-1 amplifiers are carefully designed
to prevent any output phase reversal if both inputs are maintained
within or slightly above the power supply rails. The ADA4627-1/
ADA4637-1 do not phase reverse, as shown in Figure 34.
0.01
0.1
1
10
100
FREQUENCY (kHz)
80kHz FILTER
500kHz FILTER
0.01
0.001
0.0001
0.00001
ADA4627-1
TA = 25°C
VSY = ±15V
VIN = 810mV
RL = 600Ω
2
3
6
8
ADA4627-1
+
VOUT
IN
CF
RF
GUARD
3
2
6
8
ADA4627-1
+
VOUT
VS
+
GUARD
RF
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com