Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4637-1ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4637-1ACPZ-R2
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4637-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADA4627-1/ADA4637-1
Rev. F | Page 7 of 20
Figure 10. PSRR vs. Frequency
Figure 11. Supply Current vs. Supply Voltage and Temperature
Figure 12. PSRR vs. Temperature
Figure 13. CMRR vs. Temperature
Figure 14. VOUT Sinking vs. ILOAD Current
Figure 15. VOUT Sourcing vs. ILOAD Current
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR+
PSRR–
ADA4627-1
TA = 25°C
VSY = ±15V
0
1
2
3
4
5
6
7
8
0
4
8
12
16
20
24
28
32
36
SUPPLY VOLTAGE (V)
+125ºC
+85ºC
+25ºC
–40ºC
ADA4627-1
100
110
120
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ADA4627-1
RL =
±4.5V < VSY < ±18V
60
70
80
90
100
110
120
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ADA4627-1
VSY = ±15V
VCM = ±11.5V
0.001
1
10
20
0.01
0.1
1
100
10
ILOAD (mA)
ADA4627-1
TA = 25°C
VSY = ±15V
0.001
1
10
20
0.01
0.1
1
100
10
ILOAD (mA)
ADA4627-1
TA = 25°C
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com