Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4637-1ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4637-1ACPZ-R2
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4637-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADA4627-1/ADA4637-1
Rev. F | Page 11 of 20
Figure 34. No Phase Reversal
Figure 35. Negative Settling Time to 0.01%
Figure 36. Open-Loop Gain and Phase vs. Frequency
Figure 37. Positive Settling Time to 0.01%
Figure 38. 0.1 Hz to 10 Hz Noise
Figure 39. CMRR vs. Frequency
–20
–15
–10
–5
0
5
10
15
20
0
0.51.01.52.02.53.03.54.0
TIME (ms)
ADA4627-1
TA = 25°C
VSY = ±15V
VIN
VOUT
TIME (200ns/DIV)
2
1
VIN
VOUT
ADA4627-1
TA = 25°C
VSY = ±15
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADA4637-1
VSY = ±15V
TA = 25ºC
AV = –4
RIN = 500Ω
RF = 2kΩ
CF = 4.8pF
CL = 35pF
PHASE
GAIN
140
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
TIME (200ns/DIV)
2
1
VIN
VOUT
ADA4627-1
TA = 25°C
VSY = ±15
TIME (1s/DIV)
1
ADA4627-1
TA = 25°C
VSY = ±15V
DUT GAIN = 100
4TH ORDER BAND PASS FIXTURE GAIN = 10k
TOTAL GAIN = 1M
10k
100k
FREQUENCY (Hz)
1M
10
100
1k
10M
100M
100
80
60
40
20
0
ADA4637-1
VSY = ±15V
TA = 25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com