Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4637-1ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4637-1ACPZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4637-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 4. Voltage Noise Density vs. Frequency
Figure 5. Open-Loop Gain vs. Temperature
Figure 6. CMRR vs. Frequency
Figure 7. Open-Loop Gain and Phase vs. Frequency
Figure 8. Closed-Loop ZOUT vs. Frequency
Figure 9. VOS vs. Common-Mode Voltage
1
10
100
0.01
0.1
1
10
FREQUENCY (kHz)
ADA4627-1
TA = 25°C
VSY = ±15V
60
80
100
120
140
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 1kΩ
RL = 600Ω
ADA4627-1
TA = 25°C
VSY = ±15V
VO = ±11V
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4627-1
TA = 25°C
VSY = ±15V
–40
–20
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADA4627-1
TA = 25°C
VSY = ±15V
19.1MHz
78°
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = –100
AV = –10
AV = –1
ADA4627-1
TA = 25°C
VSY = ±15V
150
100
50
0
–50
–100
–150
–15
–10
–5
0
5
10
15
VCM (V)
ADA4627-1
TA = 25°C
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com