Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4637-1ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4637-1ACPZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4637-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
30 V, High Speed, Low Noise, Low Bias
Current, JFET Operational Amplifier
Data Sheet
ADA4627-1/ADA4637-1
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 200 μV maximum
Offset drift: 1 μV/°C typical
Very low input bias current: 5 pA maximum
Extended temperature range: −40°C to +125°C
±5 V to ±15 V dual supply
ADA4627-1 GBW: 19 MHz
ADA4637-1 GBW: 79 MHz
Voltage noise: 6.1 nV/√Hz at 1 kHz
ADA4627-1 slew rate: 82 V/μs
ADA4637-1 slew rate: 170 V/μs
High gain: 120 dB typical
High CMRR: 116 dB typical
High PSRR: 112 dB typical
APPLICATIONS
High impedance sensors
Photodiode amplifier
Precision instrumentation
Phase-locked loop filters
High end, professional audio
DAC output amplifier
ATE
Medical
PIN CONFIGURATIONS
Figure 1. 8-Lead SOIC_N (R-8)
Figure 2. 8-Lead SOIC_N (R-8)
Figure 3. 8-Lead LFCSP_VD (CP-8-13)
GENERAL DESCRIPTION
The ADA4627-1/ADA4637-1 are wide bandwidth precision
amplifiers featuring low noise, very low offset, drift, and bias
current. The devices operate from ±5 V to ±15 V dual supply.
The ADA4627-1/ADA4637-1 provide benefits previously found
in few amplifiers. These amplifiers combine the best specifications
of precision dc and high speed ac op amps. The ADA4637-1 is
a decompensated version of the ADA4627-1 and is stable at a
noise gain of 5 or greater.
With a typical offset voltage of only 70 μV, drift of less than
1 μV/°C, and noise of only 0.86 μV p-p (0.1 Hz to 10 Hz), the
ADA4627-1/ADA4637-1 are suited for applications where error
sources cannot be tolerated.
The ADA4627-1/ADA4637-1 are specified for both the
industrial temperature range of −25°C to +85°C and the
extended industrial temperature range of −40°C to +125°C. The
ADA4627-1/ADA4637-1 are available in tiny 8-lead LFCSP and
8-lead SOIC packages.
The ADA4627-1/ADA4637-1 are members of a growing series
of high speed, precision op amps offered by Analog Devices, Inc.
(see Table 1).
Table 1. High Speed Precision Op Amps
Supply
5 V Low Cost
5 V
26 V Low Power
30 V Low Cost
30 V
Single
AD8615
AD8651
AD8610
AD8510
ADA4627-1/ADA4637-1
Dual
AD8616
AD8652
AD8620
AD8512
Quad
AD8618
AD8513
NULL
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NULL
5
NC = NO CONNECT
ADA4627-1
TOP VIEW
(Not to Scale)
NULL
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NULL
5
NC = NO CONNECT
ADA4637-1
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. IT IS RECOMMENDED
THAT THE EXPOSED PAD BE
CONNECTED TO V–.
3
+IN
4
V–
1
NC
2
–IN
6 OUT
5NC
8NC
7V+
ADA4627-1/
ADA4637-1
TOP VIEW


Similar Part No. - ADA4637-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4637-1ACPZ-R7 AD-ADA4637-1ACPZ-R7 Datasheet
761Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current
Rev. E
ADA4637-1ACPZ-R7 AD-ADA4637-1ACPZ-R7 Datasheet
780Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. F
More results

Similar Description - ADA4637-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-41 AD-OP-41 Datasheet
505Kb / 6P
LOW-BIAS-CURRENT, HIGH-STABILITY JFET OPERATIONAL AMPLIFIER
AD8620 AD-AD8620 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
ADA4627-1 AD-ADA4627-1_10 Datasheet
692Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
OP41AJ AD-OP41AJ Datasheet
505Kb / 11P
Low-Bias-Current, High-Stability JFET Operational Amplifier
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
761Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current
Rev. E
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com