Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C604 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 9Page - Cypress Semiconductor MB39C604 Datasheet HTML 10Page - Cypress Semiconductor MB39C604 Datasheet HTML 11Page - Cypress Semiconductor MB39C604 Datasheet HTML 12Page - Cypress Semiconductor MB39C604 Datasheet HTML 13Page - Cypress Semiconductor MB39C604 Datasheet HTML 14Page - Cypress Semiconductor MB39C604 Datasheet HTML 15Page - Cypress Semiconductor MB39C604 Datasheet HTML 16Page - Cypress Semiconductor MB39C604 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 13 of 36
MB39C604
8.4
Power-On Sequence
When the AC line voltage is supplied, VBULK is powered from the AC line through a diode bridge, and the VDD pin is charged from
VBULK through an external source-follower BiasMOS.(Figure 8 red path)
When the VDD pin is charged up and the voltage on the VDD pin (VVDD) rises above the UVLO threshold voltage, an internal Bias
circuit starts operating, and MB39C604 starts the dimming control. After the UVLO is released, this device enables switching and is
operating in a forced switching mode (TON = 1.5 µs, TOFF = 78 µs to 320 µs). When the voltage on the TZE pin reaches the Zero
energy threshold voltage (VTZETH = 0.7V), MB39C604 enters normal operation mode. After the switching begins, the VDD pin is also
charged from Auxiliary Winding through an external diode (DBIAS).(Figure 8 blue path)
Around zero cross points of the AC line voltage VVDD is not supplied from VBULK or Auxiliary Winding. It is necessary to set an
appropriate capacitor of the VDD pin in order to keep VVDD above the UVLO threshold voltage in this period. An external diode (D1)
between BiasMOS and the VDD pin is used to prevent discharge from the VDD pin to VBULK at the zero cross points.
Figure 8. VDD Supply Path at Power-On
Figure 9. Power-On Waveform
VBULK
DRV
VDD
VLED
TZE
VTZETH = 0.7V
Force switching (TON=1.5us/TOFF=78us~320us)
Switching start
UVLO Vth = 13V
Normal switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com