Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C604 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB39C604
Description  PSR topology in an isolated flyback circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C604 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB39C604 Datasheet HTML 15Page - Cypress Semiconductor MB39C604 Datasheet HTML 16Page - Cypress Semiconductor MB39C604 Datasheet HTML 17Page - Cypress Semiconductor MB39C604 Datasheet HTML 18Page - Cypress Semiconductor MB39C604 Datasheet HTML 19Page - Cypress Semiconductor MB39C604 Datasheet HTML 20Page - Cypress Semiconductor MB39C604 Datasheet HTML 21Page - Cypress Semiconductor MB39C604 Datasheet HTML 22Page - Cypress Semiconductor MB39C604 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Document Number: 002-08441 Rev.*A
Page 19 of 36
MB39C604
Table 6. 50W BOM List
No.
Component
Description
Part No.
Vendor
1
M1
Driver IC for LED Lighting, SO-8
MB39C604
Cypress
2
Q1
MOSFET, N-channel, 800V, 5.5A, TO-220F
FQPF8N80C
Fairchild
3
Q2
MOSFET, N-channel, 600V, 2.8A, TO-251
FQU5N60C
Fairchild
4
BR1
Bridge rectifier, 3A, 600V, GBU-4L
GBU4J
Fairchild
5
D2
Diode, ultra fast rectifier, 10A, 200V, TO-220F
FFPF10UP20S
Fairchild
6
D3
Diode, fast rectifier, 1A, 800V, DO-41
UF4006
Fairchild
7
D5
Diode, 200 mA, 200V, SOT-23
MMBD1404
Fairchild
8
ZD1
Diode, Zener, 20V, 500 mW, SOD-123
MMSZ20T1G
ON Semiconductor
9
ZD2
Diode, Zener, 18V, 500 mW, SOD-123
MMSZ18T1G
ON Semiconductor
10
T1
Transformer, 200 μH, Np/Ns = 3.5/1 Np/Na = 7/1
PQ-2625
-
11
L1
Common mode choke, 47.0 mH
LF2429NP-T473
Sumida
12
L3
Inductor, 1.0 mH, 0.65A, 0.9Ω, ϕ12.5 × 16.0
RCH1216BNP-102K
Sumida
13
C1
Capacitor, X2, 305VAC, 0.1 μF
B32921C3104M
EPCOS
14
C2
Capacitor, polyester film, 220 nF, 400V, 18.5 × 5.9
ECQ-E4224KF
Panasonic
15
C3,C4
Capacitor, ceramic, 10 μF, 50V, X7S, 1210
C3225X7S1H106K250AB
TDK
16
C5,C6,C7
Capacitor, aluminum electrolytic, 470 μF 50V, ϕ10.0 × 20
EKMG500ELL471MJ20S
NIPPON-CHEMI-CON
17
C8
Capacitor, ceramic, 33 nF, 250V, 1206
C3216X7R2E333K160AA
TDK
18
C9
Capacitor, ceramic, 2.2 nF, X1/Y1 radial
DE1E3KX222M
muRata
19
C12,C16
Capacitor, ceramic, 0.1 μF, 25V, 0603
-
-
20
C13
Capacitor, aluminum, 47 μF, 25V
-
-
21
C14
Capacitor, ceramic, 4.7 μF, 16V, 0805
-
-
22
R1
Resistor, chip, 1.00 MΩ, 1/4W, 1206
-
-
23
R3,R21
Resistor, 100 kΩ, 2W
-
-
24
R4
Resistor, chip, 68 kΩ, 1/10W, 0603
-
-
25
R5
Resistor, chip, 1.0 MΩ, 1/10W, 0603
-
-
26
R7
Resistor, chip, 10Ω, 1/8W, 0805
-
-
27
R8
Resistor, chip, 22Ω, 1/10W, 0603
-
-
28
R9
Resistor, chip, 91 kΩ, 1/10W, 0603
-
-
29
R10
Resistor, chip, 24 kΩ, 1/10W, 0603
-
-
30
R13
Resistor, chip, 27 kΩ, 1/10W, 0603
-
-
31
R14,R22
Resistor, chip, 0.68Ω, 1/4W, 1206
-
-
32
R15
Resistor, chip, 30 kΩ, 1/10W, 0603
-
-
33
R20
Resistor, chip, 100 kΩ, 1/10W, 0603
-
-
34
VR1
Varistor, 275VAC, 7 mm DISK
ERZ-V07D431
Panasonic
35
F1
Fuse, 2A, 300VAC
3691200000
Littelfuse
Fairchild
:
Fairchild Semiconductor International, Inc.
On Semiconductor
:
ON Semiconductor
Sumida
:
SUMIDA CORPORATION
EPCOS
:
EPCOS AG
Panasonic
:
Panasonic Corporation
TDK
:
TDK Corporation
NIPPON-CHEMI-CON
:
Nippon Chemi-Con Corporation
muRata
:
Murata Manufacturing Co., Ltd.
Littelfuse
:
Littelfuse, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com