Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F616K Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 19Page - Cypress Semiconductor MB95F616K Datasheet HTML 20Page - Cypress Semiconductor MB95F616K Datasheet HTML 21Page - Cypress Semiconductor MB95F616K Datasheet HTML 22Page - Cypress Semiconductor MB95F616K Datasheet HTML 23Page - Cypress Semiconductor MB95F616K Datasheet HTML 24Page - Cypress Semiconductor MB95F616K Datasheet HTML 25Page - Cypress Semiconductor MB95F616K Datasheet HTML 26Page - Cypress Semiconductor MB95F616K Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 23 of 110
PRELIMINARY
MB95610H Series
10. Block Diagram
Reset with LVD
Dual operation Flash with
security function
(36/20/12 Kbyte)
F2MC-8FX CPU
RAM (1024/512 bytes)
Oscillator
circuit
CR oscillator
Clock control
Interrupt controller
PLL
8/16-bit composite timer ch. 0
8/10-bit A/D converter
LCDC
(4 COM or 8 COM)
16-bit reload timer ch. 0
8/16-bit composite timer ch. 1
UART/SIO ch. 0
8/16-bit PPG ch. 0
8/16-bit PPG ch. 1
Port
Port
PF2*1/RST*2
PF1/X1*2
PF0/X0*2
PG2/X1A*2
PG1/X0A*2
Watch counter
C
P14/UCK0
P13/UO0
P15/UI0
UART/SIO ch. 1
P22/UCK1
P21/UO1
P23/UI1
P24/PPG00
P25/PPG01
P06/PPG10
P07/PPG11
On-chip debug
Wild register
External interrupt
P00/INT00 to P03/INT03,
P30/INT04 to P33/INT07
P12*1/DBG
P52/TO00
P50/TO01
P51/EC0
P00/AN00 to P03/AN03
P05/ADTG
P90/V4 to P94/V0
COM0 to COM3
P04/SEG32 to P07/SEG35
P20/SEG44 to P27/SEG51
SEG00 to SEG31
P30/SEG36 to P37/SEG43
P90/V4 to P94/V0
4 COM mode:
8 COM mode:
COM0 to COM7
P04/SEG32 to P07/SEG35
P20/SEG44 to P27/SEG51
SEG04 to SEG31
P30/SEG36 to P37/SEG43
P34/TO11
P35/TO10
P36/EC1
I2C bus interface ch. 0
P27/SDA
P26/SCL
P20/TI0
*3
P37/TO0
Vcc
Vss
*1:
*2:
*3:
P12 and PF2 are N-ch open drain pins.
Software select
When the event counter operating mode is enabled, 8/16-bit composite timer ch. 1 and the 16-bit reload timer ch. 0 can function as an event counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com