Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F616K Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 25Page - Cypress Semiconductor MB95F616K Datasheet HTML 26Page - Cypress Semiconductor MB95F616K Datasheet HTML 27Page - Cypress Semiconductor MB95F616K Datasheet HTML 28Page - Cypress Semiconductor MB95F616K Datasheet HTML 29Page - Cypress Semiconductor MB95F616K Datasheet HTML 30Page - Cypress Semiconductor MB95F616K Datasheet HTML 31Page - Cypress Semiconductor MB95F616K Datasheet HTML 32Page - Cypress Semiconductor MB95F616K Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 29 of 110
PRELIMINARY
MB95610H Series
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0x0032
to
0x0034
—
(Disabled)
—
—
0x0035
PULG
Port G pull-up register
R/W
0b00000000
0x0036
T01CR1
8/16-bit composite timer 01 status control register 1
R/W
0b00000000
0x0037
T00CR1
8/16-bit composite timer 00 status control register 1
R/W
0b00000000
0x0038
T11CR1
8/16-bit composite timer 11 status control register 1
R/W
0b00000000
0x0039
T10CR1
8/16-bit composite timer 10 status control register 1
R/W
0b00000000
0x003A
PC01
8/16-bit PPG timer 01 control register
R/W
0b00000000
0x003B
PC00
8/16-bit PPG timer 00 control register
R/W
0b00000000
0x003C
PC11
8/16-bit PPG timer 11 control register
R/W
0b00000000
0x003D
PC10
8/16-bit PPG timer 10 control register
R/W
0b00000000
0x003E
TMCSRH0
16-bit reload timer control status register (upper) ch. 0
R/W
0b00000000
0x003F
TMCSRL0
16-bit reload timer control status register (lower) ch. 0
R/W
0b00000000
0x0040
to
0x0047
—
(Disabled)
—
—
0x0048
EIC00
External interrupt circuit control register ch. 0/ch. 1
R/W
0b00000000
0x0049
EIC10
External interrupt circuit control register ch. 2/ch. 3
R/W
0b00000000
0x004A
EIC20
External interrupt circuit control register ch. 4/ch. 5
R/W
0b00000000
0x004B
EIC30
External interrupt circuit control register ch. 6/ch. 7
R/W
0b00000000
0x004C,
0x004D
—
(Disabled)
—
—
0x004E
LVDR
LVD reset voltage selection ID register
R/W
0b00000000
0x004F
LCDCC2
LCDC control register 2
R/W
0b00010100
0x0050
to
0x0055
—
(Disabled)
—
—
0x0056
SMC10
UART/SIO serial mode control register 1 ch. 0
R/W
0b00000000
0x0057
SMC20
UART/SIO serial mode control register 2 ch. 0
R/W
0b00100000
0x0058
SSR0
UART/SIO serial status and data register ch. 0
R/W
0b00000001
0x0059
TDR0
UART/SIO serial output data register ch. 0
R/W
0b00000000
0x005A
RDR0
UART/SIO serial input data register ch. 0
R
0b00000000
0x005B
SMC11
UART/SIO serial mode control register 1 ch. 1
R/W
0b00000000
0x005C
SMC21
UART/SIO serial mode control register 2 ch. 1
R/W
0b00100000
0x005D
SSR1
UART/SIO serial status and data register ch. 1
R/W
0b00000001
0x005E
TDR1
UART/SIO serial output data register ch. 1
R/W
0b00000000
0x005F
RDR1
UART/SIO serial input data register ch. 1
R
0b00000000
0x0060
IBCR00
I2C bus control register 0 ch. 0
R/W
0b00000000
0x0061
IBCR10
I2C bus control register 1 ch. 0
R/W
0b00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com