Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C015 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB39C015
Description  High efficiency : 96% (Max)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C015 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB39C015 Datasheet HTML 35Page - Cypress Semiconductor MB39C015 Datasheet HTML 36Page - Cypress Semiconductor MB39C015 Datasheet HTML 37Page - Cypress Semiconductor MB39C015 Datasheet HTML 38Page - Cypress Semiconductor MB39C015 Datasheet HTML 39Page - Cypress Semiconductor MB39C015 Datasheet HTML 40Page - Cypress Semiconductor MB39C015 Datasheet HTML 41Page - Cypress Semiconductor MB39C015 Datasheet HTML 42Page - Cypress Semiconductor MB39C015 Datasheet HTML 43Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
MB39C015
Document Number: 002-08364 Rev. *A
Page 39 of 43
■ Component list
Note:
These components are recommended based on the operating tests authorized.
TDK : TDK Corporation
KOA : KOA Corporation
SSM : SUSUMU Co., Ltd
COMPONENT
Part Name
MODEL NUMBER
SPECIFICATION
PACKAGE
VENDOR
REMARK
M1
IC
MB39C015WQN
–
QFN-24
Cypress
L1
Inductor
VLF4012AT-2R2M
2.2
H,
RDC
76 mΩ
SMD
TDK
L2
Inductor
VLF4012AT-2R2M
2.2
H,
RDC
76 mΩ
SMD
TDK
C1
Ceramic capacitor
C2012JB1A475K
4.7
F (10 V)
2012
TDK
C2
Ceramic capacitor
C2012JB1A475K
4.7
F (10 V)
2012
TDK
C3
Ceramic capacitor
C2012JB1A475K
4.7
F (10 V)
2012
TDK
C4
Ceramic capacitor
C2012JB1A475K
4.7
F (10 V)
2012
TDK
C5
Ceramic capacitor
C1608JB1H104K
0.1
F (50 V)
1608
TDK
C6
Ceramic capacitor
C1608JB1H104K
0.1
F (50 V)
1608
TDK
C7
Ceramic capacitor
C1608JB1H104K
0.1
F (50 V)
1608
TDK
R1-1
Jumper
RK73Z1J
50 mΩ Max, 1 A
1608
KOA
R1-2
Resistor
RR0816P-304-D
300 kΩ
0.5%
1608
SSM
R1-3
Jumper
RK73Z1J
50 mΩ Max, 1 A
1608
KOA
R2
Resistor
RR0816P-753-D
75 kΩ
0.5%
1608
SSM
R3
Resistor
RK73G1JTTD D 1 MΩ
1 MΩ
0.5%
1608
KOA
R4-1
Resistor
RR0816P-223-D
22 kΩ
0.5%
1608
SSM
R4-2
Resistor
RR0816P-334-D
330 kΩ
0.5%
1608
SSM
R5
Resistor
RR0816P-304-D
300 kΩ
0.5%
1608
SSM
R6-1
Resistor
RR0816P-203-D
20 kΩ
0.5%
1608
SSM
R6-2
Resistor
RR0816P-154-D
150 kΩ
0.5%
1608
SSM
R7
Resistor
RR0816P-304-D
300 kΩ
0.5%
1608
SSM
R8
Resistor
RK73G1JTTD D 1 MΩ
1 MΩ
0.5%
1608
KOA
R9
Resistor
RK73G1JTTD D 1 MΩ
1 MΩ
0.5%
1608
KOA
R10
Resistor
RK73G1JTTD D 1 MΩ
1 MΩ
0.5%
1608
KOA
SW1
Switch
–
–
–
–
Not
mounted
JP1
Jumper
–
–
–
–
Pattern-
shorted
JP2
Jumper
–
–
–
–
Pattern-
shorted
JP3
Jumper
RK73Z1J
50 mΩ Max, 1 A
1608
KOA
JP6
Jumper
RK73Z1J
50 mΩ Max, 1 A
1608
KOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com